Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1639575 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 1639575
Description  Hexagon Nut And Screw Head Covers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

1639575 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  1639575 Datasheet HTML 1Page - List of Unclassifed Manufacturers 1639575 Datasheet HTML 2Page - List of Unclassifed Manufacturers 1639575 Datasheet HTML 3Page - List of Unclassifed Manufacturers 1639575 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
All-in-one base and cover
Cap snaps into base to give a neat and decorative finish
Material: Polypropylene
Available in matt finish only
RoHS Directive 2002/95/EC compliant
PART NUMBER
Screw Size
A
B
Black
White
Red
Green
1639588
1639591
1639594
1639598
M3/M4 & N°4
11.5
5.0
1639589
1639592
1639595
1639599
M4/M5 & N°8/N°10
13.7
5.5
1639590
1639593
1639597
1639600
M6 & 1/4"
17.4
6.5
RoHS
Hinged Screw Covers
Mechanical/Physical Properties
Units
Value
Density
g/cm3
0.9
Hardness
Shore D
71
Tensile Strength, Yield
MPa
35.9
Elongation at Yield
%
490
Flexural Modulus
GPa
1.39
Material Properties
Thermal Properties
Units
Value
Deflection Temperature at 0.45MPa
°C
104
Vicat Softening Temperature
°C
150
Above information is for guidance only and should not be used to establish specifications or as the basis of a design


Similar Part No. - 1639575

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
16395 COOPER-16395 Datasheet
95Kb / 2P
   Connector/Stud Power Distribution Blocks
logo
Heyco.
16395 HEYCO-16395 Datasheet
150Kb / 2P
   Hook and Loop – Ties
More results

Similar Description - 1639575

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MS90727 ETC-MS90727 Datasheet
166Kb / 5P
   SCREW, CAP, HEXAGON HEAD
NAS1805 ETC1-NAS1805 Datasheet
705Kb / 3P
   NUT, SELF-LOCKING, EXTENDED WASHER, BOUBLE HEXAGON, CRES, 180KSI, 450쨘F and 800쨘F
logo
Adam Technologies, Inc.
HDW-086 ADAM-TECH-HDW-086 Datasheet
56Kb / 1P
   SCREW HEAD PIN
logo
List of Unclassifed Man...
BU-31607-9 ETC2-BU-31607-9 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
BU-31607-0 ETC2-BU-31607-0 Datasheet
94Kb / 1P
   Screw-in Safety Socket with Stud and Metal Nut
logo
FIBOX Enclosing innovat...
3570578 FIBOX-3570578 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
16.08.2023
3570576 FIBOX-3570576 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
31.07.2023
3570577 FIBOX-3570577 Datasheet
47Kb / 1P
   Lock nut for plastic head screws
31.07.2023
logo
Keystone Electronics Co...
9900-9911 KEYSTONE-9900-9911 Datasheet
270Kb / 1P
   PHILIPS PAN HEAD SCREW
logo
FIBOX Enclosing innovat...
3570345 FIBOX-3570345 Datasheet
48Kb / 1P
   Plastic head screw (M6x25)
16.08.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com