Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DRR1-2312 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # DRR1-2312
Description  Digital Radio Receiver Down Converter Modules for 21.2 to 23.6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

DRR1-2312 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  DRR1-2312 Datasheet HTML 1Page - Agilent(Hewlett-Packard) DRR1-2312 Datasheet HTML 2Page - Agilent(Hewlett-Packard) DRR1-2312 Datasheet HTML 3Page - Agilent(Hewlett-Packard) DRR1-2312 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
8-4
Digital Radio Receiver Down
Converter Modules for 21.2 to
23.6 GHz
Technical Data
Description
This digital radio receiver module
provides the RF receive and down
conversion function for 23 GHz
digital radios. These modules offer
excellent phase noise perfor-
mance and can be easily phase
locked to a frequency reference.
The receiver module provides an
output power of 3 dBm at the IF
frequency and is ideal for use in
radios using 2 and 4 level FSK
modulation. The excellent low
noise figure is achieved by using
the Hewlett-Packard PHEMT
MMIC technology coupled with an
image reject mixer. The receiver
module features an integrated
ultra low noise silicon bipolar
Features
• Low Noise PHEMT MMIC
Front End Amplifier
• Image Reject Mixer
• Integrated Silicon Bipolar
VCO Local Oscillator
• Low Phase Noise
• Operated Over -30
°C to
+70
°C
• Excellent Tuning Linearity
• Sample Output for Phase
Locking
DRR1-23XX
VCO operating in the S/C band as
the local oscillator. A portion of
the oscillator output is coupled off
and is applied to a frequency
divider network. The low fre-
quency output from the frequency
divider can then be easily used to
phase lock the source. The local
oscillator output is applied to a
frequency multiplier network to
produce the desired LO frequency
to the mixer.
Applications
This digital radio receiver module
provides the total RF receive and
down conversion function in
radios operating in the 21.2 to
23.6 GHzband.
Block Diagram
MMIC
MMIC
MSA-1100
MMIC
MIXER
MMIC
MMIC
BPF
BPF
RF
Input
IF
Output
Signal
Sample
Output
Tuning
Voltage
Receiver Module
21.2 to
23.6 GHz
LO
X3
+4
AMP
AMP
LNA
AMP
X2A
5965-5087E


Similar Part No. - DRR1-2312

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRR1-3813 HP-DRR1-3813 Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
DRR1-3823 HP-DRR1-3823 Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
More results

Similar Description - DRR1-2312

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
DRT1-23XX HP-DRT1-23XX Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 21.2 to 23.6 GHz
DRR1-38XX HP-DRR1-38XX Datasheet
60Kb / 4P
   Digital Radio Receiver Down Converter Modules for 37 to 40GHz
logo
Excelics Semiconductor,...
RFMA2124-1W EXCELICS-RFMA2124-1W Datasheet
96Kb / 3P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-0.5W EXCELICS-RFMA2124-0.5W Datasheet
93Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
RFMA2124-2W-P3 EXCELICS-RFMA2124-2W-P3 Datasheet
91Kb / 2P
   21.2 - 23.6 GHz Power Amplifier MMIC
logo
Qorvo, Inc
TGA4549-SM QORVO-TGA4549-SM Datasheet
1Mb / 17P
   21.2 ??23.6 GHz 10 W GaN Power Amplifier
logo
Agilent(Hewlett-Packard...
DRT1-3823 HP-DRT1-3823 Datasheet
59Kb / 4P
   Digital Radio Transmitter Modules for 37 to 40 GHz
logo
rfsolutions.ltd
001B-433AR2 RFSOLUTIONS-001B-433AR2 Datasheet
69Kb / 6P
   RADIO RECEIVER DECODER MODULES.
T6-8684-20 RFSOLUTIONS-T6-8684-20 Datasheet
130Kb / 7P
   Radio Transmitter & Receiver Modules
QFMT5-434 RFSOLUTIONS-QFMT5-434 Datasheet
3Mb / 6P
   FM Radio Transmitter & Receiver Modules
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com