Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39526-0011 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39526-0011
Description  5.00mm Pitch Eurostyle Horizontal PCB Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39526-0011 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39526-0011 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39526-0011
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Horizontal PCB Header, with Threaded Retention Inserts, 11
Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39526
Application
N/A
Component Type
PCB Header
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350503235
Physical
Circuits (Loaded)
11
Entry Angle
N/A
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Horizontal
PC Tail Length
3.90mm
PCB Thickness - Recommended
3.20mm
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Shrouded
Closed Ends
Stackable
No
Surface Mount Compatible (SMC)
N/A
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Electrical
Current - Maximum per Contact
15A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39526-002
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39526Series
Mates With
Most 5.00mm Pitch Industry Standard
Plugs, 39524 Horizontal Plug with Retention
Screws, 39527 Vertical Plug with Retention
Screws
This document was generated on 10/09/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39526-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39526-0010 MOLEX11-39526-0010 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0012 MOLEX11-39526-0012 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0013 MOLEX11-39526-0013 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0014 MOLEX11-39526-0014 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0015 MOLEX11-39526-0015 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
More results

Similar Description - 39526-0011

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39526-0006 MOLEX11-39526-0006 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0012 MOLEX11-39526-0012 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0021 MOLEX11-39526-0021 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39522-4018 MOLEX11-39522-4018 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39522-4020 MOLEX11-39522-4020 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39522-4022 MOLEX11-39522-4022 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39522-4024 MOLEX11-39522-4024 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39522-4021 MOLEX11-39522-4021 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0003 MOLEX11-39526-0003 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0007 MOLEX11-39526-0007 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
39526-0009 MOLEX11-39526-0009 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Horizontal PCB Header
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com