Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ER2A Datasheet(PDF) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # ER2A
Description  SURFACE MOUNT SUPER FAST RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

ER2A Datasheet(HTML) 1 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  ER2A Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2A Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2A Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd ER2A Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N0132, Rev. D
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
ER2A-ER2J
2.0A SURFACE MOUNT SUPER FAST RECTIFIER
ER2A-ER2J SURFACE
MOUNT SUPER FAST RECTIFIER
Features:
Glass Passivated Die Construction
Ideally Suited for Automatic Assembly
Low Forward Overload Drop, High Efficiency
Surge Overload Rating to 30A Peak
Low Power Loss
Super-Fast Recovery Time
Plastic Case Material has UL Flammability Classification Rating 94V-O
This is a Pb − Free Device
All SMC parts are traceable to the wafer lot
Additional testing can be offered upon request
Mechanical Data:
Case: Low Profile Molded Plastic
Terminals: Solder Plated, Solderable per MIL-STD-750,
Method 2026
Polarity: Cathode Band or Cathode Notch
Marking: Type Number
Weight: 0.68 grams(approx)
Mechanical Dimensions: In mm / Inches
SMB
MARKING, MOLDING RESIN
Marking for ER2A/B/C/D/E/G/J, 1
st row ER2A/B/C/D/E/G/J, 2nd row YYWWL
Where YY is the manufacture year
WW is the manufacture week code
L is the wafer’s Lot Number
ER2A


Similar Part No. - ER2A

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER2A PANJIT-ER2A Datasheet
64Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER(VOLTAGE - 50 to 600 Volts CURRENT - 2.0 Amperes)
logo
Shanghai Leiditech Elec...
ER2A LEIDITECH-ER2A Datasheet
659Kb / 3P
   2 Amp Ultra Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Chongqing Pingwei Enter...
ER2A CHONGQING-ER2A Datasheet
41Kb / 1P
   SUPER FAST RECOVERY RECTIFIER
logo
Microdiode Electronics ...
ER2A CHENDA-ER2A Datasheet
737Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Surge Components
ER2A SURGE-ER2A Datasheet
84Kb / 2P
   SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 2.0 Amperes
More results

Similar Description - ER2A

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
ES2BA DIOTECH-ES2BA Datasheet
729Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Shanghai Shunye Electro...
ES2A SY-ES2A Datasheet
234Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diotech Company.
ES2A DIOTECH-ES2A Datasheet
855Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3A DIOTECH-ES3A Datasheet
882Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES1B DIOTECH-ES1B Datasheet
838Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
ER5A SMC-ER5A Datasheet
160Kb / 4P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Formosa MS
ES3A FORMOSA-ES3A Datasheet
118Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
List of Unclassifed Man...
ES1AF ETC2-ES1AF Datasheet
526Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
ES3AF ETC2-ES3AF Datasheet
975Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER
logo
Sangdest Microelectroni...
RS1A-F SMC-RS1A-F Datasheet
221Kb / 6P
   SURFACE MOUNT SUPER FAST RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com