Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATF-21186-STR Datasheet(PDF) 3 Page - Agilent(Hewlett-Packard)

Part # ATF-21186-STR
Description  0.5-6 GHz General Purpose Gallium Arsenide FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

ATF-21186-STR Datasheet(HTML) 3 Page - Agilent(Hewlett-Packard)

  ATF-21186-STR Datasheet HTML 1Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 2Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 3Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 4Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 5Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 6Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 7Page - Agilent(Hewlett-Packard) ATF-21186-STR Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
5-51
ATF-21186 Typical Performance, TA = 25°C
Figure 6. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 3 V, IDS = 70 mA.
Figure 4. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 10 mA.
Figure 5. ATF-21186 Insertion Power
Gain, Maximum Available Gain, and
Maximum Stable Gain vs. Frequency.
VDS = 2 V, IDS = 20 mA.
Figure 1. ATF-21186 Optimum Noise
Figure and Associated Gain vs.
Frequency and IDS, VDS = 2 V.
Figure 2. ATF-21186 Optimum Noise
Figure and Associated Gain vs. IDS,
f = 2 GHz, V DS = 2 V.
Figure 3. ATF-21186 Power Output at
1 dB Compression and 1 dB
Compressed Gain vs. Frequency.
VDS = 3 V, I DS = 70 mA.
0
0.1
FREQUENCY (GHz)
1.5
10
1
0.5
1.0
0
30
10
20
G
NFO
10 mA
15 mA
20 mA
A
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
0
30
10
20
P 1 dB
G 1 dB
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
0
0.1
FREQUENCY (GHz)
30
10
1
10
20
MSG
S
MAG
21
I
(mA)
DS
0
0
1.5
60
10
0.5
1.0
12
18
16
20
2.0
50
40
30
20
14
GA
NF


Similar Part No. - ATF-21186-STR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
More results

Similar Description - ATF-21186-STR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
ATF-25570 HP-ATF-25570 Datasheet
44Kb / 3P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-25735 HP-ATF-25735 Datasheet
46Kb / 4P
   0.5-10 GHz General Purpose Gallium Arsenide FET
ATF-21170 HP-ATF-21170 Datasheet
47Kb / 3P
   0.5-6 GHz Low Noise Gallium Arsenide FET
ATF-26836 HP-ATF-26836 Datasheet
47Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-26884 HP-ATF-26884 Datasheet
44Kb / 4P
   2-16 GHz General Purpose Gallium Arsenide FET
ATF-25170 HP-ATF-25170 Datasheet
44Kb / 3P
   0.5-10 GHz Low Noise Gallium Arsenide FET
ATF-10236 HP-ATF-10236 Datasheet
47Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10100 HP-ATF-10100 Datasheet
51Kb / 4P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-10136 HP-ATF-10136 Datasheet
46Kb / 3P
   0.5-12 GHz Low Noise Gallium Arsenide FET
ATF-13100 HP-ATF-13100 Datasheet
43Kb / 3P
   2-18 GHz Low Noise Gallium Arsenide FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com