Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATTINY261A Datasheet(PDF) 3 Page - ATMEL Corporation

Part # ATTINY261A
Description  High Performance, Low Power AVR
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATTINY261A Datasheet(HTML) 3 Page - ATMEL Corporation

  ATTINY261A_14 Datasheet HTML 1Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 2Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 3Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 4Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 5Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 6Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 7Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 8Page - ATMEL Corporation ATTINY261A_14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
ATtiny261A [DATASHEET APPENDIX A]
8197D–AVR–02/2013
Notes:
1. Typical values at 25
C.
2. “Min” means the lowest value where the pin is guaranteed to be read as high.
3. “Max” means the highest value where the pin is guaranteed to be read as low.
4. Although each I/O port can sink more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all I
OL (for all ports) should not exceed 60 mA. If IOL exceeds the test conditions, VOL
may exceed the related specification. Pins are not guaranteed to sink current greater than the listed test condition.
5. Although each I/O port can source more than the test conditions (10 mA at VCC = 5V, 5 mA at VCC = 3V) under steady state
conditions (non-transient), the sum of all I
OH (for all ports) should not exceed 60 mA. If IOH exceeds the test condition, VOH
may exceed the related specification. Pins are not guaranteed to source current greater than the listed test condition.
6. The RESET pin must tolerate high voltages when entering and operating in programming modes and, as a consequence,
has a weak drive strength as compared to regular I/O pins.
7. Values are with external clock. Power Reduction is enabled (PRR = 0xFF) and there is no I/O drive.
8. BOD Disabled.
ICC
Power Supply Current (7)
Active 1MHz, VCC = 2V
0.2
0.5
mA
Active 4MHz, VCC = 3V
1.2
2
mA
Active 8MHz, VCC = 5V
3.6
7
mA
Idle 1MHz, VCC = 2V
0.035
0.15
mA
Idle 4MHz, VCC = 3V
0.25
0.4
mA
Idle 8MHz, VCC = 5V
0.9
1.5
mA
Power-down mode (8)
WDT enabled, VCC = 3V
4
20
µA
WDT disabled, VCC = 3V
0.2
10
µA
Table 1-1.
DC Characteristics. T
A = -40C to +105C, VCC = 1.8V to 5.5V (unless otherwise noted). (Continued)
Symbol
Parameter
Condition
Min
Typ (1)
Max
Units


Similar Part No. - ATTINY261A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATTINY261A ATMEL-ATTINY261A_14 Datasheet
1Mb / 32P
   ATtiny261A Specification at 105C
More results

Similar Description - ATTINY261A_14

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA325PV ATMEL-ATMEGA325PV_14 Datasheet
503Kb / 364P
   High Performance, Low Power AVR
ATTINY2313A ATMEL-ATTINY2313A_14 Datasheet
588Kb / 22P
   High Performance, Low Power AVR
ATTINY43U ATMEL-ATTINY43U_14 Datasheet
552Kb / 16P
   High Performance, Low Power AVR
ATTINY261 ATMEL-ATTINY261_14 Datasheet
348Kb / 206P
   High Performance, Low Power AVR
ATMEGA162V ATMEL-ATMEGA162V_14 Datasheet
534Kb / 22P
   High-performance, Low-power AVR
ATMEGA164PA ATMEL-ATMEGA164PA_14 Datasheet
635Kb / 30P
   High-performance, Low-power AVR
ATTINY24 ATMEL-ATTINY24_14 Datasheet
644Kb / 238P
   High Performance, Low Power AVR
ATMEGA165V ATMEL-ATMEGA165V_14 Datasheet
342Kb / 336P
   High Performance, Low Power AVR
ATMEGA8515 ATMEL-ATMEGA8515_14 Datasheet
236Kb / 257P
   High-performance, Low-power AVR
ATMEGA1284P ATMEL-ATMEGA1284P_14 Datasheet
374Kb / 380P
   High-performance, Low-power AVR
ATMEGA128RFA1 ATMEL-ATMEGA128RFA1_14 Datasheet
242Kb / 13P
   High Performance, Low Power AVR
MCU Wireless-09/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com