Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT-64020 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # AT-64020
Description  Up to 4 GHz Linear Power Silicon Bipolar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

AT-64020 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  AT-64020 Datasheet HTML 1Page - Agilent(Hewlett-Packard) AT-64020 Datasheet HTML 2Page - Agilent(Hewlett-Packard) AT-64020 Datasheet HTML 3Page - Agilent(Hewlett-Packard) AT-64020 Datasheet HTML 4Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
4-180
AT-64020 Absolute Maximum Ratings
Absolute
Symbol
Parameter
Units
Maximum[1]
VEBO
Emitter-Base Voltage
V
2
VCBO
Collector-Base Voltage
V
40
VCEO
Collector-Emitter Voltage
V
20
IC
Collector Current
mA
200
PT
Power Dissipation [2,3]
W3
Tj
Junction Temperature
°C
200
TSTG
Storage Temperature
°C
-65 to 200
Thermal Resistance[2,4]:
θ
jc = 40°C/W
Notes:
1. Permanent damage may occur if
any of these limits are exceeded.
2. TCASE = 25°C.
3. Derate at 25 mW/
°C for T
C > 80°C.
4. The small spot size of this tech-
nique results in a higher, though
more accurate determination of
θ
jc
than do alternate methods. See
MEASUREMENTS section
“Thermal Resistance” for more
information.
Electrical Specifications, TA = 25°C
Symbol
Parameters and Test Conditions[1]
Units
Min.
Typ.
Max.
|S21E|
2
Insertion Power Gain; VCE = 16 V, IC = 110 mA
f = 2.0 GHz
dB
7.0
f = 4.0 GHz
2.0
P1 dB
Power Output @ 1 dB Gain Compression
f = 2.0 GHz
dBm
26.5
27.5
VCE = 16 V, IC = 110 mA
f= 4.0 GHz
26.5
G1 dB
1 dB Compressed Gain; VCE = 16 V, IC = 110 mA
f = 2.0 GHz
dB
8.5
10.0
f = 4.0 GHz
6.5
η
T
Total Efficiency at 1 dB Compression:
f = 4.0 GHz
%
35.0
VCE = 16 V, IC = 110 mA
hFE
Forward Current Transfer Ratio; VCE = 8 V, IC = 110 mA
20
50
200
ICBO
Collector Cutoff Current; VCB = 16 V
µA
100
IEBO
Emitter Cutoff Current; VEB = 1 V
µA
5.0
Note:
1.
η
T = (RF Output Power) / (RF Input Power + VCE I C).


Similar Part No. - AT-64020

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
AT-64020 AVAGO-AT-64020 Datasheet
196Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
More results

Similar Description - AT-64020

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PHT64023B TELEDYNE-PHT64023B Datasheet
190Kb / 2P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-64020 AVAGO-AT-64020 Datasheet
196Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-64023 HP-AT-64023 Datasheet
45Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-64023 AVAGO-AT-64023 Datasheet
162Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor
AT-64000 AVAGO-AT-64000 Datasheet
164Kb / 4P
   Up to 4 GHz Linear Power Silicon Bipolar Transistor Chip
logo
Teledyne Technologies I...
PHT64020B TELEDYNE-PHT64020B Datasheet
159Kb / 2P
   Up to 6 GHz Linear Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42070 AVAGO-AT-42070 Datasheet
150Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42035 HP-AT-42035 Datasheet
53Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
AVAGO TECHNOLOGIES LIMI...
AT-42036 AVAGO-AT-42036 Datasheet
210Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
logo
Agilent(Hewlett-Packard...
AT-42070 HP-AT-42070 Datasheet
52Kb / 5P
   Up to 6 GHz Medium Power Silicon Bipolar Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com