Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST112024 Datasheet(PDF) 1 Page - E-SWITCH

Part # ST112024
Description  All Dimension In MM
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH

ST112024 Datasheet(HTML) 1 Page - E-SWITCH

  ST112024 Datasheet HTML 1Page - E-SWITCH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISOMETRIC
ISOMETRIC
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
100SP2T6B11M2QEH
2:1
5/10/2007
ST112024
C
TN
1
1
PC MOUNTING
A
16881
RELEASED FOR PRODUCTION
1/18/2007
TN
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
NONE
ON
(ON)
2-3
OPEN
2-1
2
13
CIRCUI: SPDT
6.60
[.260 in]
1.27
[.050 in] TYP.
E-SWITCH
MARKING ON
OPPOSITE SIDE
1
23
3
4.70
[.185 in]
.76
[.030 in]
10.33
[.407 in]
12.70
[.500 in]
6.86
[.270 in]
NOTE:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERMINAL NUMBERS FOR REF ONLY
4. PLATING MATERIAL: SILVER
5. RATING: 5 AMPS W/RESITIVE LOAD @ 120VAC OR 28VDC
2 AMPS W/RESITIVE LOAD @ 250VAC
6. ELECTRIC LIFE: 40,000 make-and-break cycles
at full load.
7. INSULATION RESISTANCE: 1,000 Mega-ohm min.
8. DIELECTRIC STRENGTH: 1,000 V RMS @sea level.
9. OPERATING TEMP.: -30°C to 85°C
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
12. HARDWARE TO BE SHIPPED BULK
T100000 - HEXNUT - QTY 2
T100011 - LOCKWASHER - QTY 1
T100015 - LOCKRING - QTY 1
12.30
[.484 in]
25
~
POS. 1
POS. 3
(ON) = MOMENTARY
4.70
[.185 in]
n1.85
[.073 in]
5.08
[.200 in]
8.89
[.350 in]
8.99
[.354 in]
2.54
[.100
in]
EPOXY SEAL
1.44
[.057 in]
7.55
[.297 in]
B
17254
6.35 TO 6.6
5/4/07
TN
KEYWAY
1/4-40 UNS-2A
THREAD
100SP2T6B11M2QEH
(ST112024)
C
17272
FIXED ACT. LENGTH
5/10/07
TN


Similar Part No. - ST112024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST112025 E-SWITCH-ST112025 Datasheet
129Kb / 1P
   All Dimension In MM
ST112026 E-SWITCH-ST112026 Datasheet
122Kb / 1P
   All Dimension In MM
ST112027 E-SWITCH-ST112027 Datasheet
130Kb / 1P
   All Dimension In MM
ST112028 E-SWITCH-ST112028 Datasheet
130Kb / 1P
   All Dimension In MM
More results

Similar Description - ST112024

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
R010000 E-SWITCH-R010000 Datasheet
27Kb / 1P
   All Dimension In MM
R010005 E-SWITCH-R010005 Datasheet
56Kb / 1P
   All Dimension In MM
M301101 E-SWITCH-M301101 Datasheet
41Kb / 1P
   All Dimension In MM
M301123 E-SWITCH-M301123 Datasheet
67Kb / 1P
   All Dimension In MM
M301208 E-SWITCH-M301208 Datasheet
32Kb / 1P
   All Dimension In MM
G510576 E-SWITCH-G510576 Datasheet
288Kb / 1P
   All Dimension In MM
G510360 E-SWITCH-G510360 Datasheet
148Kb / 1P
   All Dimension In MM
G510365 E-SWITCH-G510365 Datasheet
137Kb / 1P
   All Dimension In MM
G510450 E-SWITCH-G510450 Datasheet
41Kb / 1P
   All Dimension In MM
G510541 E-SWITCH-G510541 Datasheet
41Kb / 1P
   All Dimension In MM
G510561 E-SWITCH-G510561 Datasheet
38Kb / 1P
   All Dimension In MM
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com