Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE7045-8 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE7045-8
Description  9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE7045-8 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE7045-8 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE7045-8 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE7045-8 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
TECHNICAL DATA SHEET
9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up
To 12.4 GHz
Configuration
Design
Fixed, Bidirectional Attenuator
Connector 1
SMA Male
Connector 2
SMA Female
Body Material and Plating
Passivated Stainless Steel
Electrical Specifications
Frequency Range, GHz
DC to 12.4
Impedance, Ohms
50
Attenuation Value, dB
9
Maximum Input Power, Watts
2
Maximum VSWR
1.25:1
Frequency 1
Range, GHz
DC to 12.4
VSWR
1.25:1
Attenuation Accuracy, dB
± 0.5
Mechanical Specifications
Size
Length, in [mm]
0.85 [21.59]
Width, in [mm]
0.312 [7.92]
.
Connector 1
Type
SMA Male
Connector Specification
MIL-STD-348
Contact Material and Plating
Gold
Coupling Nut Material and Plating
Passivated Stainless Steel
Hex Size, in.
5/16
Torque, in-lbs [Nm]
8 [0.9]
Body Material and Plating
Passivated Stainless Steel
Connector 2
Type
SMA Female
Connector Specification
MIL-STD-348
Contact Material and Plating
Gold
Body Material and Plating
Passivated Stainless Steel
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 9 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To
2 Watts Up To 12.4 GHz PE7045-9
PE7045-9
PE7045-9 REV
9 dB Fixed Attenuator, SMA Male To SMA Female Passivated
Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz


Similar Part No. - PE7045-8

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7045-8 PASTERNACK-PE7045-8 Datasheet
225Kb / 3P
   8 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-8 PASTERNACK-PE7045-8 Datasheet
229Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
PE7045-8 PASTERNACK-PE7045-8_16 Datasheet
229Kb / 3P
   8 dB Fixed Attenuator, SMA Male to SMA Female Passivated Stainless Steel Body
More results

Similar Description - PE7045-8

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE7045-2 PASTERNACK-PE7045-2 Datasheet
225Kb / 3P
   2 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-7 PASTERNACK-PE7045-7 Datasheet
225Kb / 3P
   7 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-8 PASTERNACK-PE7045-8 Datasheet
225Kb / 3P
   8 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-4 PASTERNACK-PE7045-4 Datasheet
225Kb / 3P
   4 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-15 PASTERNACK-PE7045-15 Datasheet
225Kb / 3P
   15 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-5 PASTERNACK-PE7045-5 Datasheet
225Kb / 3P
   5 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-6 PASTERNACK-PE7045-6 Datasheet
226Kb / 3P
   6 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-20 PASTERNACK-PE7045-20 Datasheet
225Kb / 3P
   20 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-40 PASTERNACK-PE7045-40 Datasheet
225Kb / 3P
   40 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
PE7045-1 PASTERNACK-PE7045-1 Datasheet
226Kb / 3P
   1 dB Fixed Attenuator, SMA Male To SMA Female Passivated Stainless Steel Body Rated To 2 Watts Up To 12.4 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com