Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A22N-PS112 Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # A22N-PS112
Description  Specifications Common to All
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A22N-PS112 Datasheet(HTML) 2 Page - Omron Electronics LLC

  A22N-PS112 Datasheet HTML 1Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 2Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 3Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 4Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 5Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 6Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 7Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 8Page - Omron Electronics LLC A22N-PS112 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
All A22/M22 Assemblies
All A22/M22 Assemblies
31
Incandescent Lamp
Rated voltage
Rated current
Operating voltage
6VDC
200 mA
5V
14 VAC/DC
80 mA
12 V
28 VAC/DC
40 mA
24 V
130 VAC/DC
20 mA
100 V
Transformer Lighting
Rated voltage
Operational voltage
Applicable lamp (BA8S/13j gold)
110 VAC
95 to 115 VAC
LED Lamp (A22-24Aj)
220 VAC
190 to 230 VAC
a p (
j
)
J
CHARACTERISTICS
Item
Pushbutton switches
Emergency stop switches
Knob-type selector switches Key-type
selector
switch
Non-illuminated
models:
A22-F, A22-T,
A22-G,
A22-S, A22-C,
A22-D,
A22-H, A22-M
Illuminated
models:
A22L-T,
A22L-G,
A22L-H,
A22L-D,
A22L-C
Non-illuminated
models: A22E
Illuminated
models:
A22EL
Non-illuminated
models: A22S
Illuminated
models:
A22W
Non-illuminated
models: A22K
Allowable
operating
f
Mechanical Momentary operation:
60 operations/min max.
30 operations/min max.
Manual release: 30 operations/min max.
Automatic release: 30 operations/min max.
operating
frequency
Electrical
30 operations/min max.
30 operations/min max.
Insulation resistance
100 MΩ min. (at 500 VDC)
Dielectric strength
2,500 VAC, 50/60 Hz for 1 min between terminals of same polarity
2,500 VAC, 50/60 Hz for 1 min between terminals of different polarity and also between each terminal and
ground
Vibration resistance
(See note 2)
Malfunction: 10 to 55 Hz, 1.5-mm double amplitude (malfunction within 1 ms)
Shock
resistance
Mechanical 1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2 {100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
1,000 m/s2
{100G}
resistance
Malfunction
(See note 2)
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
250 m/s2 {25G} max.
1,000 m/s2
{100G} max.
600 m/s2
{60G} max.
1,000 m/s2
{100G} max.
Life
expectancy
Mechanical Momentary operation:
5,000,000 operations min.
Momentary operation:
300,000 operations min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Electrical
500,000 operations min.
300,000
operations
min.
300,000
operations
min.
500,000
operations
min.
100,000
operations
min.
500,000
operations
min.
Ambient temperature
(See note 1 )
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C
(-4°Fto
131°F)
Storage:
-40°Cto
70°C(-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C (-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Operating:
-20°Cto
55°C(-4°F
to 131°F)
Storage:
-40°Cto
70°C (-40°F
to 158°F)
Operating:
-20°Cto70°C
(-4°Fto
158°F)
Storage:
-40°Cto70°C
(-40°Fto
158°F)
Ambient humidity
Operating: 35% to 85%
Degree of protection
IP65
Electric shock protection
class
Class II
Degree of contamination 3 (IEC947-5-1)
Note: 1. With no icing or condensation.
2. Malfunction within 1 ms.


Similar Part No. - A22N-PS112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
More results

Similar Description - A22N-PS112

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A22N-PS175 OMRON-A22N-PS175 Datasheet
809Kb / 19P
   Specifications Common to All
A22N-PS183 OMRON-A22N-PS183 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS188 OMRON-A22N-PS188 Datasheet
796Kb / 19P
   Specifications Common to All
A22N-PS116 OMRON-A22N-PS116 Datasheet
796Kb / 19P
   Specifications Common to All
logo
TDK Electronics
C1005X7R1C104K TDK-C1005X7R1C104K Datasheet
131Kb / 1P
   All specifications are subject to change without notice.
C3225X7R2E104K TDK-C3225X7R2E104K Datasheet
132Kb / 1P
   All specifications are subject to change without notice
CKG57NX5R1H226M TDK-CKG57NX5R1H226M Datasheet
133Kb / 1P
   All specifications are subject to change without notice
C2012X7R1E225K TDK-C2012X7R1E225K Datasheet
132Kb / 1P
   All specifications are subject to change without notice.
logo
Linear Technology
LTC2230 LINER-LTC2230 Datasheet
695Kb / 28P
   Electrical Specifications Subject to Change
logo
NEC
78K NEC-78K Datasheet
644Kb / 129P
   Common to 78K/0 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com