Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2532L2-1 Datasheet(PDF) 9 Page - NEC

Part # PS2532L2-1
Description  HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2532L2-1 Datasheet(HTML) 9 Page - NEC

Back Button PS2532L2-1 Datasheet HTML 5Page - NEC PS2532L2-1 Datasheet HTML 6Page - NEC PS2532L2-1 Datasheet HTML 7Page - NEC PS2532L2-1 Datasheet HTML 8Page - NEC PS2532L2-1 Datasheet HTML 9Page - NEC PS2532L2-1 Datasheet HTML 10Page - NEC PS2532L2-1 Datasheet HTML 11Page - NEC PS2532L2-1 Datasheet HTML 12Page - NEC PS2532L2-1 Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PS2532-1,-2,-4,PS2532L-1,-2,-4
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Ambient Temperature TA (˚C)
1.2
0.8
0.4
0.0
1.0
0.6
0.2
–50
–25
25
50
75
100
0
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
,,,,,,,,,,,,,,,,
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
500
100
50
10
1
5
20
100
200
500
1 k
2 k
50
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (
Ω)
VCC = 10 V,
IC = 10 mA
tr
td
ts
tf
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
5 000
4 000
3 000
1 000
0
2 000
15
10
0.1
0.5
15
VCE = 2 V
Sample A
Sample B
LONG TERM CTR DEGRADATION
Time (Hr)
1.2
1.0
0.8
0.6
0.4
0.2
0.0
10
10
2
10
3
10
4
10
5
10
6
IF = 1 mA,
TA = 25 ˚C
IF = 1 mA,
TA = 60 ˚C
FREQUENCY RESPONSE
Frequency f (kHz)
5
0
–10
–5
–15
–20
–25
–30
0.01
0.1
1
10
100
RL = 1 k
10
100
VCE = 4 V, Vin = 0.1 Vp-p
1 k
1
F
µ
RL
Vin
Vout
47
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2532L2-1

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2532L-1 CEL-PS2532L-1 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532L-1-A CEL-PS2532L-1-A Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532L-1-E3 CEL-PS2532L-1-E3 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532L-1-E3-A CEL-PS2532L-1-E3-A Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2532L-1-E4 CEL-PS2532L-1-E4 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2532L2-1

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2532-1 RENESAS-PS2532-1 Datasheet
300Kb / 19P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
April 1st, 2010
logo
NEC
PS2533-1 NEC-PS2533-1 Datasheet
173Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
Renesas Technology Corp
PS2533-1 RENESAS-PS2533-1 Datasheet
257Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
PS2533-1 RENESAS-PS2533-1_15 Datasheet
249Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SIRIES
logo
California Eastern Labs
PS2532-1 CEL-PS2532-1_03 Datasheet
539Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
PS2533-1 CEL-PS2533-1_03 Datasheet
538Kb / 18P
   HIGH COLLECTOR TO EMITTER VOLTATGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2534-1 NEC-PS2534-1 Datasheet
162Kb / 16P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2535-1 RENESAS-PS2535-1 Datasheet
250Kb / 15P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2535-1 CEL-PS2535-1 Datasheet
365Kb / 12P
   HIGH COLLECTOR TO EMITTER VOLTAGE HIGH ISOLATION VOLTAGE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2703-1 NEC-PS2703-1 Datasheet
115Kb / 12P
   HIGH ISOLATION VOLTAGE HIGH COLLECTOR TO EMITTER VOLTAGE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com