Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2503L-2-E4 Datasheet(PDF) 5 Page - NEC

Part # PS2503L-2-E4
Description  LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2503L-2-E4 Datasheet(HTML) 5 Page - NEC

  PS2503L-2-E4 Datasheet HTML 1Page - NEC PS2503L-2-E4 Datasheet HTML 2Page - NEC PS2503L-2-E4 Datasheet HTML 3Page - NEC PS2503L-2-E4 Datasheet HTML 4Page - NEC PS2503L-2-E4 Datasheet HTML 5Page - NEC PS2503L-2-E4 Datasheet HTML 6Page - NEC PS2503L-2-E4 Datasheet HTML 7Page - NEC PS2503L-2-E4 Datasheet HTML 8Page - NEC PS2503L-2-E4 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
PS2503-1,-2,-4,PS2503L-1,-2,-4
ORDERING INFORMATION (Pb-Free)
Part Number
Package
Packing Style
Application Part Number
*1
PS2503-1-A
4-pin DIP
Magazine case 100 pcs
PS2503-1
PS2503L-1-A
PS2503L-1-E3-A
Embossed Tape 1 000 pcs/reel
PS2503L-1-E4-A
PS2503L-1-F3-A
Embossed Tape 2 000 pcs/reel
PS2503L-1-F4-A
PS2503-2-A
8-pin DIP
Magazine case 45 pcs
PS2503-2
PS2503L-2-A
PS2503L-2-E3-A
Embossed Tape 1 000 pcs/reel
PS2503L-2-E4-A
PS2503-4-A
16-pin DIP
Magazine case 20 pcs
PS2503-4
PS2503L-4-A
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified)
Ratings
Parameter
Symbol
PS2503-1,
PS2503L-1
PS2503-2,-4
PS2503L-2,-4
Unit
Diode
Reverse Voltage
VR
6
V
Forward Current (DC)
IF
80
mA
Power Dissipation Derating
PD/°C
1.5
1.2
mW/
°C
Power Dissipation
PD
150
120
mW/ch
Peak Forward Current
*1
IFP
1
A
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
0.6
V
Collector Current
IC
30
mA/ch
Power Dissipation Derating
PC/°C
1.5
1.2
mW/
°C
Power Dissipation
PC
150
120
mW/ch
Isolation Voltage
*2
BV
5 000
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1 %
*2 AC voltage for 1 minute at TA = 25
°C, RH = 60 % between input and output
Data Sheet PN10227EJ01V0DS
5


Similar Part No. - PS2503L-2-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2503L-1 CEL-PS2503L-1 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2503L-1 RENESAS-PS2503L-1 Datasheet
236Kb / 14P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2503L-1-A CEL-PS2503L-1-A Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503L-1-F3 CEL-PS2503L-1-F3 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503L-1-F3-A CEL-PS2503L-1-F3-A Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2503L-2-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2503-1 CEL-PS2503-1 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1_15 Datasheet
236Kb / 14P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Everlight Electronics C...
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com