Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-4661 Datasheet(PDF) 2 Page - Agilent(Hewlett-Packard)

Part # HCPL-4661
Description  High CMR, High Speed TTL Compatible Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-4661 Datasheet(HTML) 2 Page - Agilent(Hewlett-Packard)

  HCPL-4661 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-4661 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
an open collector Schottky-
clamped transistor. The internal
shield provides a guaranteed
common mode transient
immunity specification of 5,000
V/
µs for the HCPL-X601/X631
and HCNW2601, and 10,000 V/
µs
for the HCPL-X611/X661 and
HCNW2611.
This unique design provides
maximum ac and dc circuit
isolation while achieving TTL
compatibility. The optocoupler ac
and dc operational parameters
are guaranteed from -40
°C to
+85
°C allowing troublefree
system performance.
The 6N137, HCPL-26XX, HCPL-
06XX, HCPL-4661, HCNW137,
and HCNW26X1 are suitable for
high speed logic interfacing,
input/output buffering, as line
receivers in environments that
conventional line receivers
cannot tolerate and are recom-
mended for use in extremely high
ground or induced noise
environments.
Selection Guide
Widebody
Minimum CMR
8-Pin DIP (300 Mil)
Small-Outline SO-8
(400 Mil)
Hermetic
Input
Single
On-
Single
Dual
Single
Dual
Single
and Dual
dV/dt
VCM
Current
Output
Channel
Channel
Channel
Channel
Channel
Channel
(V/
µs)
(V)
(mA)
Enable
Package
Package
Package
Package
Package
Packages
NA
NA
5
YES
6N137
HCPL-0600
HCNW137
NO
HCPL-2630
HCPL-0630
5,000
50
YES
HCPL-2601
HCPL-0601
HCNW2601
NO
HCPL-2631
HCPL-0631
10,000
1,000
YES
HCPL-2611
HCPL-0611
HCNW2611
NO
HCPL-4661
HCPL-0661
1,000
50
YES
HCPL-2602[1]
3, 500
300
YES
HCPL-2612[1]
1,000
50
3
YES
HCPL-261A[1]
HCPL-061A[1]
NO
HCPL-263A[1]
HCPL-063A[1]
1,000[2]
1,000
YES
HCPL-261N[1]
HCPL-061N[1]
NO
HCPL-263N[1]
HCPL-063N[1]
1,000
50
12.5
[3]
HCPL-193X[1]
HCPL-56XX[1]
HCPL-66XX[1]
Notes:
1. Technical data are on separate Agilent publications.
2. 15 kV/
µs with V
CM = 1 kV can be achieved using Agilent application circuit.
3. Enable is available for single channel products only, except for HCPL-193X devices.


Similar Part No. - HCPL-4661

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4661 HP-HCPL-4661 Datasheet
246Kb / 15P
   High CMR Line Receiver Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
252Kb / 16P
   HCMOS Compatible, High CMR, 10 MBd Optocouplers
HCPL-4661 HP-HCPL-4661 Datasheet
162Kb / 10P
   Dual Channel, High CMR, High Speed, TTL Compatible Optocouplers 8 Pin DIP and SOIC-8
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4661 AVAGO-HCPL-4661 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-4661 AVAGO-HCPL-4661 Datasheet
469Kb / 16P
   High CMR Line Receiver Optocouplers Isolated line receiver
More results

Similar Description - HCPL-4661

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-500E AVAGO-HCPL-2631-500E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0611-500E AVAGO-HCPL-0611-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
6N137 AVAGO-6N137 Datasheet
241Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0600-000E AVAGO-HCPL-0600-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
logo
Broadcom Corporation.
6N137 BOARDCOM-6N137 Datasheet
1Mb / 30P
   High CMR, High Speed TTL Compatible Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2631-000E AVAGO-HCPL-2631-000E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0601-500E AVAGO-HCPL-0601-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-500E AVAGO-HCPL-0630-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0631-500E AVAGO-HCPL-0631-500E Datasheet
431Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-2630-000E AVAGO-HCPL-2630-000E Datasheet
206Kb / 22P
   High CMR, High Speed TTL Compatible Optocouplers
HCPL-0630-000E AVAGO-HCPL-0630-000E Datasheet
356Kb / 21P
   High CMR, High Speed TTL Compatible Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com