Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HCPL-0701 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard)

Part # HCPL-0701
Description  Low Input Current, High Gain Optocouplers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HCPL-0701 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard)

  HCPL-0701 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 8Page - Agilent(Hewlett-Packard) HCPL-0701 Datasheet HTML 9Page - Agilent(Hewlett-Packard) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Applications
• Ground Isolate Most Logic
Families – TTL/TTL, CMOS/
TTL, CMOS/CMOS, LSTTL/
TTL, CMOS/LSTTL
• Low Input Current Line
Receiver
• High Voltage Insulation
(HCNW139/138)
• EIA RS-232C Line Receiver
• Telephone Ring Detector
• 117 V ac Line Voltage Status
Indicator – Low Input Power
Dissipation
• Low Power Systems –
Ground Isolation
Low Input Current, High Gain
Optocouplers
Technical Data
Features
• High Current Transfer Ratio
– 2000% Typical (4500%
Typical for HCNW139/138)
• Low Input Current
Requirements – 0.5 mA
• TTL Compatible Output –
0.1 V VOL Typical
• Performance Guaranteed
over Temperature 0
°C
to 70
°C
• Base Access Allows Gain
Bandwidth Adjustment
• High Output Current –
60 mA
• Safety Approval
UL Recognized – 2500 V rms
for 1 Minute and 5000 V rms*
for 1 Minute per UL 1577
CSA Approved
VDE 0884 Approved with
VIORM = 1414 V peak for
HCNW139 and HCNW138
BSI Certified (HCNW139 and
HCNW138)
• Available in 8-Pin DIP or
SOIC-8 Footprint or
Widebody Package
•MIL-STD-1772 Version
Available (HCPL-5700/1)
Description
These high gain series couplers
use a Light Emitting Diode and an
integrated high gain photodetec-
tor to provide extremely high
current transfer ratio between
input and output. Separate pins
for the photodiode and output
stage result in TTL compatible
saturation voltages and high
speed operation. Where desired
the VCC and VO terminals may be
tied together to achieve conven-
tional photodarlington operation.
A base access terminal allows a
gain bandwidth adjustment to be
made.
6N139
6N138
HCPL-0701
HCPL-0700
HCNW139
HCNW138
CAUTION: It is advised that normal static precautions be taken in handling and assembly of this component to
prevent damage and/or degradation which may be induced by ESD.
*5000 V rms/1 minute rating is for HCNW139/138 and Option 020 (6N139/138) products only.
A 0.1
µF bypass capacitor connected between pins 8 and 5 is recommended.
Functional Diagram
7
1
2
3
4
5
6
8
NC
ANODE
CATHODE
NC
VCC
VO
GND
TRUTH TABLE
LED
ON
OFF
VO
LOW
HIGH
VB


Similar Part No. - HCPL-0701

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
275Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
272Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
Agilent(Hewlett-Packard...
HCPL-0701 HP-HCPL-0701 Datasheet
88Kb / 8P
   Small Outline, 5 Lead, Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0701 FAIRCHILD-HCPL-0701 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0701 AVAGO-HCPL-0701 Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers Low input current requirements ??0.5 mA
More results

Similar Description - HCPL-0701

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCNW139-500E AVAGO-HCNW139-500E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCNW139-300E AVAGO-HCNW139-300E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-000E AVAGO-HCPL-0701-000E Datasheet
161Kb / 14P
   Low Input Current, High Gain Optocouplers
HCPL-0701-500E AVAGO-HCPL-0701-500E Datasheet
162Kb / 14P
   Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
6N138 FAIRCHILD-6N138_07 Datasheet
204Kb / 15P
   Low Input Current High Gain Split Darlington Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL-2730 HP-HCPL-2730 Datasheet
240Kb / 12P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
Fairchild Semiconductor
HCPL-0700 FAIRCHILD-HCPL-0700_05 Datasheet
687Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
HCPL0700 FAIRCHILD-HCPL0700 Datasheet
443Kb / 13P
   Low Input Current High Gain Split Darlington Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-2730-000E AVAGO-HCPL-2730-000E Datasheet
365Kb / 13P
   Dual Channel Low Input Current, High Gain Optocouplers
logo
QT Optoelectronics
6N138 QT-6N138 Datasheet
236Kb / 12P
   LOW INPUT CURRENT HIGH GAIN SPLIT DARLINGTON OPTOCOUPLERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com