Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8785 Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8785
Description  ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8785 Datasheet(HTML) 6 Page - Holt Integrated Circuits

  HI-8785 Datasheet HTML 1Page - Holt Integrated Circuits HI-8785 Datasheet HTML 2Page - Holt Integrated Circuits HI-8785 Datasheet HTML 3Page - Holt Integrated Circuits HI-8785 Datasheet HTML 4Page - Holt Integrated Circuits HI-8785 Datasheet HTML 5Page - Holt Integrated Circuits HI-8785 Datasheet HTML 6Page - Holt Integrated Circuits HI-8785 Datasheet HTML 7Page - Holt Integrated Circuits HI-8785 Datasheet HTML 8Page - Holt Integrated Circuits HI-8785 Datasheet HTML 9Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
VCC= 5.0V, V
= 0V, T =Operating Temperature Range (unless otherwise specified).
SS
A
(HI-8783, HI-8784 and HI-8785)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
t
20
t
t
t
t
t
Setup Data Bus to
ns
Hold
0
ns
Hold A0 to
0
ns
Pulse width
40
ns
Pulse width A0
40
ns
Delay last
40
ns
DATA BUS TIMING
WRITE
SET
to Data Bus
to XMT RDY
WRITE
WRITE
WRITE
WRITE
HLD
AH
WPW
APW
XD
HI-8783, HI-8784, HI-8785
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8785

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8785 HOLTIC-HI-8785 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8785 HOLTIC-HI-8785 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8785PDI HOLTIC-HI-8785PDI Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8785PDI HOLTIC-HI-8785PDI Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8785PDIF HOLTIC-HI-8785PDIF Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
More results

Similar Description - HI-8785

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685 Datasheet
239Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com