Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

200CNQ040 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 200CNQ040
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

200CNQ040 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  200CNQ040 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 200CNQ040 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 200CNQ040 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 200CNQ040 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1185, Rev. B
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
200CNQ SERIES
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
35
200CNQ035
40
200CNQ040
Peak Inverse Voltage
VRWM
-
45
200CNQ045
V
100
per leg
Max. Average Forward
IF(AV)
50% duty cycle @TC =114°C,
rectangular wave form
200
per device
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(per leg)
IFSM
8.3 ms, half Sine pulse
1860
A
Non-Repetitive Avalanche
Energy(peg leg)
EAS
TJ=25℃,IAS=20A,L=0.67mH
135
mJ
Repetitive Avalanche
Current(peg leg)
IAR
Current decaying linearly to
zero in 1 μsec Frequency
limited by TJ max. VA=1.5×
VR typical
20
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 100A, Pulse, TJ = 25 °C
@ 200A, Pulse, TJ = 25 °C
0.57
0.72
V
Max. Forward Voltage Drop
(per leg) *
VF2
@ 100A, Pulse, TJ = 125 °C
@ 200A, Pulse, TJ = 125 °C
0.49
0.64
V
IR1
@VR = rated VR TJ = 25 °C
10
mA
Max. Reverse Current (per
leg) *
IR2
@VR = rated VR TJ = 125 °C
500
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
5200
pF
Typical Series Inductance
(per leg)
LS
Measured lead to lead 5 mm
from package body
7.0
nH
Max. Voltage Rate of Change
dv/dt
-
10,000
V/
μs
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +150
°C
Max. Storage Temperature
Tstg
-
-55 to +150
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
0.50
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.25
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth
and greased
0.10
°C/W
Mounting
Torque
24(min)
35(max)
Mounting Torque
TM
-
Terminal
Torque
35(min)
46(max)
Kg-cm
Approximate Weight
wt
-
79
g
Case Style
PRM4 Non-Isolated


Similar Part No. - 200CNQ040

ManufacturerPart #DatasheetDescription
logo
International Rectifier
200CNQ040 IRF-200CNQ040 Datasheet
173Kb / 5P
   SCHOTTKY RECTIFIER
logo
Microsemi Corporation
200CNQ040 MICROSEMI-200CNQ040 Datasheet
123Kb / 2P
   Schottky PowerMod
logo
Sangdest Microelectroni...
200CNQ040 SMC-200CNQ040 Datasheet
209Kb / 4P
   All SMC parts are traceable to the wafer lot
More results

Similar Description - 200CNQ040

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com