Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8685PJI Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8685PJI
Description  ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 16-BIT PARALLEL DATA
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8685PJI Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8685PJI Datasheet HTML 2Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 3Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 4Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 5Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 6Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 7Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 8Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 9Page - Holt Integrated Circuits HI-8685PJI Datasheet HTML 10Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
PARAMETERS
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNITS
ARINC Bus Inputs (RINA, RINB, RINA-10& RINB-10)
Differential input voltage
one or zero
V
differential voltage
6.5
10.0
13.0
volts
null
V
""
"
"
-
-
2.75
volts
common mode
V
with respect to GND
-
-
5.0
volts
Input resistance
RINA (-10) to RINB(-10)
R
supplies floating
30
75
-
Kohm
RINA (-10) or RINB(-10) to GND or V
R
"
"
"
'
19
40
-
Kohm
Input capacitance (Guaranteed but not tested)
differential
C
RINA (-10) to RINB (-10)
-
-
20
pF
to GNDC
-
-
20
pF
to V
C
-
-
20
pF
DIN
NIN
COM
DIFF
CC
SUP
DIFF
G
CC
H
Supply Voltages
V
.................................................+5V
Temperature Range
Industrial Screening .............. -40°C to +85°C
Hi-Temp Screening .............. -55°C to +125°C
Military Screening..................-55°C to +125°C
Junction Temperature, Tj ....................
175°C
CC
± 10%
≤+
All voltages referenced to GND
Supply voltages
V
....................................................... +7.0V
Voltage on inputs
RINA (-10) to RINB (-10) ......... +29V to- 29V
All other input pins..................-0.3 to Vcc +0.3
DC current per input pin ....................... +10mA
Power dissipation at 25°C
plastic 28-pin SO..... 1.8W, derate 14.1mW/°C
plastic 28-pin PLCC .2.3
plastic 32-pin SO......1.6
Solder Temperature
Leads ............................. +280°C for 10 sec
Package body ..................................+220°C
Storage Temperature ............. -65°C to +150°C
CC
W, derate 18.2mW/°C
W, derate 15.4mW/°C
NOTE: Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to
the device.
These are stress ratings only.
Operation at the limits is not recommended.
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Vcc= 5V, GND= 0V, TA= Operating Temperature Range (unless otherwise specified).
DC ELECTRICAL CHARACTERISTICS
HI-8685, HI-8686
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8685PJI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685PJI HOLTIC-HI-8685PJI Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8685PJI-10 HOLTIC-HI-8685PJI-10 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8685PJIF HOLTIC-HI-8685PJIF Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8685PJIF HOLTIC-HI-8685PJIF Datasheet
95Kb / 12P
   ARINC INTERFACE DEVICE
HI-8685PJIF-10 HOLTIC-HI-8685PJIF-10 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
More results

Similar Description - HI-8685PJI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8685 HOLTIC-HI-8685_06 Datasheet
184Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 16-Bit Parallel Data
HI-8683 HOLTIC-HI-8683_06 Datasheet
194Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429 & 561 Serial Data to 8-Bit Parallel Data
HI-8683 HOLTIC-HI-8683 Datasheet
172Kb / 10P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8683 HOLTIC-HI-8683_08 Datasheet
101Kb / 11P
   ARINC INTERFACE DEVICE ARINC 429& 561 SERIAL DATA TO 8-BIT PARALLEL DATA
HI-8787 HOLTIC-HI-8787 Datasheet
135Kb / 7P
   ARINC INTERFACE DEVICE 16-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8783 HOLTIC-HI-8783_06 Datasheet
186Kb / 9P
   ARINC INTERFACE DEVICE 8 bit parallel data converted to 429 & 561 serial data out
HI-8783 HOLTIC-HI-8783 Datasheet
194Kb / 9P
   ARINC INTERFACE DEVICE 8-BIT PARALLEL DATA CONVERTED 429&561 SERIAL DATA OUT
HI-8787 HOLTIC-HI-8787_06 Datasheet
123Kb / 7P
   ARINC INTERFACE DEVICES 16 bit parallel data converted to 429 & 561 serial data out
HI-8787 HOLTIC-HI-8787_09 Datasheet
74Kb / 8P
   ARINC 429 & 561 INTERFACE DEVICE
HI-8783 HOLTIC-HI-8783_09 Datasheet
86Kb / 10P
   ARINC 429 & 561 INTERFACE DEVICE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com