Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282UT Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8282UT
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282UT Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8282UT Datasheet HTML 1Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 2Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 3Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 4Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 5Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 6Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 7Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 8Page - Holt Integrated Circuits HI-8282UT Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
HI-8282
PIN CONFIGURATION (Top View)
GENERAL DESCRIPTION
The HI-8282 isa silicon gate CMOS device for interfacing
the ARINC 429 serial data bus toa 16-bit parallel data bus.
Two receivers and an independent transmitter are
provided. The receiver input circuitry and logic are
designed to meet the ARINC 429 specifications for loading,
level detection, timing, and protocol.
The transmitter
section provides the ARINC 429 communication protocol.
Additional interface circuitry such as the Holt HI-8382 is
required to translate the5 volt logic outputs to ARINC 429
drive levels.
The 16-bit parallel data bus exchanges the 32-bit ARINC
data word in two steps when either loading the transmitter
or interrogating the receivers. The data bus interfaces with
CMOS and TTL.
Timing of all the circuitry begins with the master clock input,
CLK. For ARINC 429 applications, the master clock
frequency is1 MHz.
Each independent receiver monitors the data stream with a
sampling rate 10 times the data rate. The sampling rate is
software selectable at either 1MHz or 125KHz. The results
ofa parity check are available as the 32nd ARINC bit. The
HI-8282 examines the null and data timings and will reject
erroneous patterns. For example, witha 125 KHz clock
selection, the data frequency must be between 10.4 KHz
and 15.6 KHz.
The transmitter hasa First In, First Out (FIFO) memory to
store8 ARINC words for transmission. The data rate of the
transmitter is software selectable by dividing the master
clock, CLK, by either 10 or 80. The master clock is used to
set the timing of the ARINC transmission within the required
resolution.
APPLICATIONS
!
!
!
Avionics data communication
Serial to parallel conversion
Parallel to serial conversion
FEATURES
!
!
!
!
!
!
!
!
!
!
!
ARINC specification 429 compatible
16-Bit parallel data bus
Direct receiver interface to ARINC bus
Timing control 10 times the data rate
Selectable data clocks
Receiver error rejection per ARINC
specification 429
Automatic transmitter data timing
Self test mode
Parity functions
Low power, single5 volt supply
Industrial& full military temperature ranges
! DESC SMD part number
HOLT INTEGRATED CIRCUITS
4-29
(DS8282 Rev. A)
01/01
January 2001
44-Pin Plastic Quad Flat Pack (PQFP)
(See page 4-38 for additional Package Pin Configurations)
33- N/C
32- N/C
31 -
30- ENTX
29 -
28- 429DO
27- TX/R
26 -
25 -
24- BD00
23- BD01
CWSTRX
429DO
PL2
PL1
N/C - 1
- 2
- 3
SEL - 4
- 5
- 6
BD15 - 7
BD14 - 8
BD13 - 9
BD12- 10
BD11- 11
D/R1
D/R2
EN1
EN2
HI-8282PQI
&
HI-8282PQT


Similar Part No. - HI-8282UT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282UT HOLTIC-HI-8282UT Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282UT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A Datasheet
688Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com