Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2505L-1-E3 Datasheet(PDF) 10 Page - NEC

Part # PS2505L-1-E3
Description  HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2505L-1-E3 Datasheet(HTML) 10 Page - NEC

Back Button PS2505L-1-E3 Datasheet HTML 4Page - NEC PS2505L-1-E3 Datasheet HTML 5Page - NEC PS2505L-1-E3 Datasheet HTML 6Page - NEC PS2505L-1-E3 Datasheet HTML 7Page - NEC PS2505L-1-E3 Datasheet HTML 8Page - NEC PS2505L-1-E3 Datasheet HTML 9Page - NEC PS2505L-1-E3 Datasheet HTML 10Page - NEC PS2505L-1-E3 Datasheet HTML 11Page - NEC PS2505L-1-E3 Datasheet HTML 12Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
PS2505-1,-2,-4,PS2505L-1,-2,-4
RECOMMENDED SOLDERING CONDITIONS
(1) Infrared reflow soldering
• Peak reflow temperature
235
°C (package surface temperature)
• Time of temperature higher than 210
°C
30 seconds or less
• Number of reflows
Three
• Flux
Rosin flux containing small amount of chlorine (The flux with a
maximum chlorine content of 0.2 Wt % is recommended.)
60 to 90 s
(preheating)
210 ˚C
120 to 160 ˚C
Time (s)
(heating)
to 10 s
to 30 s
235 ˚C (peak temperature)
Recommended Temperature Profile of Infrared Reflow
Peak temperature 235 ˚C or below
Caution Avoid removing the residual flux with chlorine-based cleaning solvent after a reflow process.
(2) Dip soldering
• Temperature
260
°C or below (molten solder temperature)
• Time
10 seconds or less
• Number of times
One
• Flux
Rosin flux containing small amount of chlorine (The flux with a maximum chlorine content of
0.2 Wt % is recommended.)


Similar Part No. - PS2505L-1-E3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2505L-1-A CEL-PS2505L-1-A Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-F3 CEL-PS2505L-1-F3 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2505L-1-F3-A CEL-PS2505L-1-F3-A Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2505L-1-E3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2565-1 RENESAS-PS2565-1_15 Datasheet
280Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
California Eastern Labs
PS2505-1 CEL-PS2505-1 Datasheet
217Kb / 13P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2505-1 RENESAS-PS2505-1_15 Datasheet
262Kb / 15P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2565-1 RENESAS-PS2565-1 Datasheet
288Kb / 18P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2565-1 NEC-PS2565-1 Datasheet
108Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE MULTI PHOTOCOUPLER SERIES
PS2705-1 NEC-PS2705-1_01 Datasheet
57Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
PS2705-1 NEC-PS2705-1_03 Datasheet
394Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
List of Unclassifed Man...
PS2705-1-L-A ETC2-PS2705-1-L-A Datasheet
213Kb / 14P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
logo
California Eastern Labs
PS2565-1 CEL-PS2565-1 Datasheet
971Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE MULTI PHOTOCOUPLER SERIES
logo
NEC
PS2705-1 NEC-PS2705-1 Datasheet
117Kb / 12P
   HIGH ISOLATION VOLTAGE AC INPUT RESPONSE TYPE SOP MULTI PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com