Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8583PQI Datasheet(PDF) 5 Page - Holt Integrated Circuits

Part # HI-8583PQI
Description  ARINC 429 SYSTEM ON A CHIP
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8583PQI Datasheet(HTML) 5 Page - Holt Integrated Circuits

  HI-8583PQI Datasheet HTML 1Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 2Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 3Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 4Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 5Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 8Page - Holt Integrated Circuits HI-8583PQI Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
FIFO
LOAD
CONTROL
SEL
EN
CONTROL
BIT
/
R/W
CONTROL
32 TO 16 DRIVER
32 BIT SHIFT REGISTER
TO PINS
CONTROLBITS
CR0, CR14
CLOCK
OPTION
CLOCK
CLK
BIT
COUNTER
AND
END OF
SEQUENCE
PARITY
CHECK
32ND
BIT
DATA
BIT CLOCK
WORD GAP
WORD GAP
TIMER
BIT CLOCK
END
START
SEQUENCE
CONTROL
ERROR
CLOCK
ERROR
DETECTION
SHIFT REGISTER
SHIFT REGISTER
NULL
ZEROS
SHIFT REGISTER
ONES
EOS
FIGURE 2.
RECEIVER BLOCK DIAGRAM
LABEL/
DECODE
COMPARE
16x8
LABEL
MEMORY
32X 32
FIFO
D/R
FF
MUX
CONTROL
CONTROL
BITS
HF
FUNCTIONAL DESCRIPTION (cont.)
0
X
0
X
Load FIFO
1
No
0
X
Ignore data
1
Yes
0
X
Load FIFO
0
X1
No
Ignore data
0
X
1
Yes
Load FIFO
1
Yes
1
No
Ignore data
1
No1
Yes
Ignore data
1
No
1
No
Ignore data
1
Yes
1
Yes
Load FIFO
CR2(3) ARINC word CR6(9) ARINC word
FIFO
matches
bits 9,10
label
match
CR7,8 (10,11)
RECEIVER PARITY
The receiver parity circuit counts ones received, including the
parity bit. If the result is odd, then "0" will appear in the 32nd bit.
RETRIEVING DATA
Once 32 valid bits are recognized, the receiver logic generates an
End of Sequence (EOS). Depending upon the state of control
register bits CR2-CR11, the received ARINC 32-bit word is then
checked for correct decoding and label matching before being
loaded into the 32x 32 receive FIFO. ARINC words which do not
meet the necessary 9th and 10th ARINC bit or label matching are
ignored and are not loaded into the receive FIFO. The following
table describes this operation.
HI-8582, HI-8583
HOLT INTEGRATED CIRCUITS
5


Similar Part No. - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQI HOLTIC-HI-8583PQI Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8583PQI-10 HOLTIC-HI-8583PQI-10 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8583PQIF HOLTIC-HI-8583PQIF Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
More results

Similar Description - HI-8583PQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8582 HOLTIC-HI-8582_06 Datasheet
156Kb / 15P
   ARINC 429 System on a Chip
HI-8582 HOLTIC-HI-8582_13 Datasheet
236Kb / 16P
   ARINC 429 System on a Chip
HI-8591 HOLTIC-HI-8591 Datasheet
137Kb / 7P
   ARINC 429 LINE RECEIVER
HI-8591 HOLTIC-HI-8591_13 Datasheet
78Kb / 8P
   ARINC 429 Line Receiver
logo
Actel Corporation
CORE429-XX ACTEL-CORE429-XX Datasheet
258Kb / 22P
   ARINC 429 Bus Interface
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585 Datasheet
132Kb / 7P
   ARINC 429 LIN DRIVER
HI-8588-10 HOLTIC-HI-8588-10 Datasheet
125Kb / 6P
   ARINC 429 LINE RECEIVER
HI-8444 HOLTIC-HI-8444_16 Datasheet
73Kb / 9P
   ARINC 429 Line Receivers
logo
Device Engineering Inco...
DEI1041 DEIAZ-DEI1041 Datasheet
136Kb / 8P
   ARINC 429 LINE RECEIVER
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com