Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8586 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-8586
Description  ARINC 429 LIN DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8586 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-8586 Datasheet HTML 1Page - Holt Integrated Circuits HI-8586 Datasheet HTML 2Page - Holt Integrated Circuits HI-8586 Datasheet HTML 3Page - Holt Integrated Circuits HI-8586 Datasheet HTML 4Page - Holt Integrated Circuits HI-8586 Datasheet HTML 5Page - Holt Integrated Circuits HI-8586 Datasheet HTML 6Page - Holt Integrated Circuits HI-8586 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HI-8585, HI-8586
ARINC 429 LINE DRIVER
DESCRIPTION
! Direct ARINC 429 line driver
interface ina small package
On-chip zener to set output levels
On-chip line driver slope control and
selection by logic input
Low current 12 to 15 volt supplies
CMOS/ TTL logic pins
Plastic and ceramic package options -
surface mount and DIP
!
!
!
!
!
!
!
Themally enhanced SOIC packages
Mil processing available
FEATURES
PIN CONFIGURATION
SLP1.5
TX0IN
TX1IN
GND
V-
TXAOUT
TXBOUT
V+
SUPPLY VOLTAGES
FUNCTION TABLE
The HI-8585 and HI-8586 are CMOS integrated circuits
designed to directly drive the ARINC 429 bus in an8 pin
package. Two logic inputs controla differential voltage
between the output pins producinga +10 volt One, a
-10 volt Zero, anda0 volt Null.
The CMOS/TTL control inputs are translated to ARINC
specified amplitudes using on board zeners. A logic input
is provided to control the slope of the differential output
signal. Timing is set by on-chip resistor and capacitor and
tested to be within ARINC requirements.
The HI-8585 has 37.5 ohms in series with each line driver
output. The HI-8586 provides the option to bypass most
of the output resistance so that series protection circuits
can add their resistances.
The HI-8585 or the HI-8586 along with the HI-8588 line
receiver offer the smallest options available to get on and
off the ARINC bus.
PIN DESCRIPTION TABLE
V+ =
12V to 15V
V- = -12V to -15V
1
2
3
4
5
6
7
8
January 2001
P IN
1
SLP1.5
LOGIC INPUT
CMOS OR TTL, V+IS OK
2
TX0IN
LOGIC INPUT
CMOS OR TTL
3
TX1IN
LOGIC INPUT
CMOS OR TTL
4
GND
POWER
GROUND
5
V-
POWER
-12 TO -15 VOLTS
6
TXAOUT
LOGIC OUTPUT
LINE DRIVER TERM INAL A
7
TXBOUT
LOGIC OUTPUT
LINE DRIVER TERM INAL B
8
V+
POWER
+12 TO +15 VOLTS
SYMBO L
FUNCTION
DESCRIPT ION
TX1IN
TX0IN
SLP1.5
0
0
X
0V
0V
0
1
0
-5V
5V
10µs
0
1
1
-5V
5V
1.5µs
1
0
0
5V
-5V
10µs
1
0
1
5V
-5V
1.5µs
1
1
X
0V
0V
N /A
SLOPE
N /A
TXAOUT
TXBOUT
(DS8585 Rev. D)
01/01
HOLT INTEGRATED CIRCUITS
1


Similar Part No. - HI-8586

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8586 HOLTIC-HI-8586 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8586 HOLTIC-HI-8586 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8586CRI HOLTIC-HI-8586CRI Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8586CRI HOLTIC-HI-8586CRI Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8586CRIF HOLTIC-HI-8586CRIF Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
More results

Similar Description - HI-8586

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382 Datasheet
239Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
DEI1070A DEIAZ-DEI1070A Datasheet
315Kb / 12P
   ARINC 429 LINE DRIVER FAMILY
logo
Holt Integrated Circuit...
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com