Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282APQI Datasheet(PDF) 11 Page - Holt Integrated Circuits

Part # HI-8282APQI
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282APQI Datasheet(HTML) 11 Page - Holt Integrated Circuits

Back Button HI-8282APQI Datasheet HTML 6Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 7Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 8Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 9Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 10Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 11Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 12Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 13Page - Holt Integrated Circuits HI-8282APQI Datasheet HTML 14Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PART
NUMBER
PACKAGE
DESCRIPTION
TEMPERATURE
RANGE
FLOW BURN
IN
LEAD
FINISH
HI-8282ACDI
40 PIN CERAMIC SIDE BRAZED DIP
-40°C TO +85°C
I
NO
GOLD
HI-8282ACDT
40 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
T
NO
GOLD
HI-8282ACDM
40 PIN CERAMIC SIDE BRAZED DIP
-55°C TO +125°C
M
YES
SOLDER
HI-8282APJI
44 PIN PLASTIC J LEAD
-40°C TO +85°C
I
NO
SOLDER
HI-8282APJT
44 PIN PLASTIC J LEAD
-55°C TO +125°C
T
NO
SOLDER
HI-8282APQI
44 PIN PLASTIC QUAD FLAT PACK
-40°C TO +85°C
I
NO
SOLDER
HI-8282APQT
44 PIN PLASTIC QUAD FLAT PACK
-55°C TO +125°C
T
NO
SOLDER
HI-8282ACLI
44 PIN CERAMIC LEADLESS CHIP CARRIER
-40°C TO +85°C
I
NO
GOLD
HI-8282ACLT
44 PIN CERAMIC LEADLESS CHIP CARRIER
-55°C TO +125°C
T
NO
GOLD
HI-8282ACLM
44 PIN CERAMIC LEADLESS CHIP CARRIER
-55°C TO +125°C
M
YES
SOLDER
HI-8282ACRI
44 PIN CERQUAD
-40°C TO +85°C
I
NO
SOLDER
HI-8282ACRT
44 PIN CERQUAD
-55°C TO +125°C
T
NO
SOLDER
HI-8282A
HOLT INTEGRATED CIRCUITS
11


Similar Part No. - HI-8282APQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282APQI HOLTIC-HI-8282APQI Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282APQI HOLTIC-HI-8282APQI Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282APQI-10 HOLTIC-HI-8282APQI-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282APQI-10 HOLTIC-HI-8282APQI-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282APQIF HOLTIC-HI-8282APQIF Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
More results

Similar Description - HI-8282APQI

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com