Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8977MP Datasheet(PDF) 5 Page - Advanced Power Electronics Corp.

Part # APE8977MP
Description  2.5A LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8977MP Datasheet(HTML) 5 Page - Advanced Power Electronics Corp.

  APE8977MP_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8977MP_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Advanced Power
Electronics Corp.
APE8977MP
TYPICAL PERFORMANCE CHARACTERISTICS
5
VIN = 1.8V, VCNTL = 3.3V, IOUT = 0A, Source test
VIN = 1.8V, VCNTL = 3.3V, IOUT = 10mA, Source test
IOUT = 0A, Source test
Load Transient (Source test)
Load Transient (Sink test)
VIN = 5V, VCNTL = 5V
VIN = 5V, VCNTL = 5V
VREF = 2.5V Supplied by a regulator
VREF = 2.5V Supplied by a regulator
IOUT = 0A, Source test
VIN
VOUT
IOUT
VIN
VOUT
IOUT
Output Voltage vs. Temperature
0.7
0.8
0.9
1
1.1
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Shutdown Threshold vs. Temperature
0.25
0.3
0.35
0.4
0.45
0.5
0.55
-50
-25
0
25
50
75
100
125
Temperature (
oC)
Turn On
Turn Off
VIN Current vs. Temperature
6
7
8
9
10
11
12
13
14
15
16
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VCNTL Current vs. Temperature
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
Temperature (
oC)
VIN=1.8V, VCNTL=5V
VIN=1.8V, VCNTL=5V
VIN=1.8V, VCNTL=3.3V
VIN=1.5V, VCNTL=5V
VIN=1.5V, VCNTL=3.3V
VIN=1.8V, VCNTL=3.3V


Similar Part No. - APE8977MP_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8977MP A-POWER-APE8977MP_16 Datasheet
158Kb / 7P
   2.5A LINEAR REGULATOR
More results

Similar Description - APE8977MP_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8977MP A-POWER-APE8977MP_16 Datasheet
158Kb / 7P
   2.5A LINEAR REGULATOR
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177 Datasheet
181Kb / 16P
   2.5A Synchronous Buck Regulator
MIC2171 MICREL-MIC2171_07 Datasheet
191Kb / 12P
   100kHz 2.5A Switching Regulator
MIC2178 MICREL-MIC2178_05 Datasheet
179Kb / 15P
   2.5A Synchronous Buck Regulator
logo
STMicroelectronics
E-L4960 STMICROELECTRONICS-E-L4960 Datasheet
329Kb / 16P
   2.5A POWER SWITCHING REGULATOR
logo
Micrel Semiconductor
MIC2178 MICREL-MIC2178 Datasheet
170Kb / 16P
   2.5A Synchronous Buck Regulator
logo
STMicroelectronics
L4960 STMICROELECTRONICS-L4960 Datasheet
189Kb / 16P
   2.5A POWER SWITCHING REGULATOR
June 2000
logo
Micrel Semiconductor
MIC2177 MICREL-MIC2177_08 Datasheet
224Kb / 15P
   2.5A Synchronous Buck Regulator
logo
Alpha & Omega Semicondu...
AOZ1283PI AOSMD-AOZ1283PI Datasheet
917Kb / 15P
   EZBuck??2.5A Simple Buck Regulator
logo
NTE Electronics
NTE7107 NTE-NTE7107 Datasheet
83Kb / 3P
   Integrated Circuit Switching Regulator, 2.5A
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com