Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8382CT Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8382CT
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382CT Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8382CT Datasheet HTML 1Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 2Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 3Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 4Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 5Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 6Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 7Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
Supply Current +V (Operating)
(+V)
No Load
(0- 100KBPS)
+11
mA
Supply Current -V (Operating)
(-V)
No Load
(0- 100KBPS)
-11
mA
Supply Current
(Operating)
(
)
No Load
(0- 100KBPS)
500
µA
Supply Current
(Operating)
(
)
No Load
(0- 100KBPS)
500
µA
Supply Current +V (Power Down)
(+V)
STROBE= HIGH
475
uA
Supply Current -V (Power Down)
(-V)
STROBE= HIGH
-475
uA
Supply Current +V (During Short Circuit Test)
(+V)
Short to Ground
(See Note: 1)
150
mA
Supply Current -V (During Short Circuit Test)
(-V)
Short to Ground
(See Note: 1)
-150
mA
Output Short Circuit Current (Output High)
Short to Ground
=0 (See Note: 2)
-80
mA
Output Short Circuit Current (Output Low)
Short to Ground
=0 (See Note: 2)
+80
mA
Input Current (Input High)
1.0
µA
Input Current (Input Low)
-1.0
µA
Input Voltage High
2.0
V
Input Voltage Low
0.5
V
Output Voltage High (Output to Ground)
No Load
(0 -100KBPS)
+V
+V
V
-.
+.
Output Voltage Low (Output to Ground)
No Load
(0 -100KBPS)
-V
-V
V
-.
+.
Output Voltage Null
No Load
(0-100KBPS)
-250
+250
mV
Input Capacitance
15
pF
I
I
V
I
V
V
I
V
I
I
I
I
I
V
I
V
I
I
V
V
V
V
V
C
CCOP
CCOP
1
CCOP
1
REF
CCOP
REF
CCPD
CCPD
SC
SC
OHSC
MIN
OLSC
MIN
IH
IL
IH
IL
OH
25
25
OL
25
25
NULL
IN
See Note 1
REF
REF
REF
REF
Note 1. Not tested, but characterized at initial device design and after major process and/or design change which affects this parameter.
Note 2. Interchangeability of force and sense is acceptable.
+V= +15V, -V= -15V,V = V
= +5.0V, T
= Operating Temperature Range (unless otherwise specified).
1
REF
A
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX UNITS
Rise Time (
,
)
=
= 75pF
See Figure 3.
1.0
2.0
µs
Fall Time (
,
)
=
= 75pF
See Figure 3.
1.0
2.0
µs
Propagtion Delay Input to Output
=
= 75pF
See Figure 3.
3.0
µs
Propagtion Delay Input to Output
=
= 75pF
See Figure 3.
3.0
µs
A
B
t
C
C
A
B
t
C
C
t
C
C
t
C
C
OUT
OUT
R
A
B
OUT
OUT
F
A
B
PLH
A
B
PHL
A
B
Figure 3. SWITCHING WAVEFORMS
-9.5V to -10.5V
+9.5V to +10.5V
-4.75V to -5.25V
2.0V
+4.75V to +5.25V
2.0V
0.5V
0.5V
-4.75V to -5.25V
+4.75V to +5.25V
DATA (A) 0V
DATA (B) 0V
AOUT 0V
BOUT 0V
DIFFERENTIAL
OUTPUT 0V
(
)
A
B
OUT -
OUT
50%
50%
VREF
ADJUST
BY
CA
t PHL
ADJUST
BY
CA
-VREF
50%
50%
t PLH
t R
+VREF
-VREF
ADJUST
BY
CB
ADJUST
BY
CB
t F
2VREF
-2VRE
HIGH
NULL
LOW
NOTE: OUTPUTS UNLOADED
HI-8382, HI-8383
+V= +15V, -V= -15V,V = V
= +5.0V, T
= Operating Temperature Range (unless otherwise specified).
1
REF
A
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-8382CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382CT HOLTIC-HI-8382CT Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382CT HOLTIC-HI-8382CT Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-8382CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com