Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8382CT Datasheet(PDF) 7 Page - Holt Integrated Circuits

Part # HI-8382CT
Description  ARINC 429 DIFFERENTIAL LINE DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8382CT Datasheet(HTML) 7 Page - Holt Integrated Circuits

  HI-8382CT Datasheet HTML 1Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 2Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 3Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 4Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 5Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 6Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 7Page - Holt Integrated Circuits HI-8382CT Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Package Type:
Package Type:
.125 MIN
(3.175 MIN
)
BASE
PLANE
SEATING
PLANE
.050
± .005
(1.270
± .127)
.295
± .010
(7.493
± .254)
PIN 1
.200 MAX
(5.080 MAX)
.018± .002
(.457
± .051)
.100 BSC
(2.540 BSC)
.010
± .002
(.254
± .051)
.035 ± .010
(.889
± .254)
.810 MAX
(20.574 MAX)
.300± .010
(7.620
± .254)
16-PIN CERAMIC SIDE-BRAZED DIP
16C
.045x 45°
.453
± .003
(11.506
± .076)
SQ.
.490
± .005
(12.446
± .127)
SQ.
.045x 45°
SEE DETAIL
A
.173
± .008
(4.394
± .203)
PIN NO. 1 IDENT
PIN NO. 1
.015
± .002
(.381
± .051)
DETAIL A
.020 MIN
(.508
ΜΙΝ)
.025
.045
28-PIN PLASTIC PLCC
.410
± .020
(10.414
± .508)
.031
± .005
(.787
± .127)
.017
± .004
(.432
± .102)
.009
.011
.050
± .005
(1.27
± .127)
28J
R
HI-8382 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
7


Similar Part No. - HI-8382CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382CT HOLTIC-HI-8382CT Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382CT HOLTIC-HI-8382CT Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
More results

Similar Description - HI-8382CT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182 HOLTIC-HI-3182 Datasheet
428Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-3182PSX-N HOLTIC-HI-3182PSX-N_08 Datasheet
76Kb / 7P
   ARINC 429 Differential Line Driver
logo
Device Engineering Inco...
DEI3182A DEIAZ-DEI3182A Datasheet
385Kb / 10P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_06 Datasheet
296Kb / 11P
   ARINC 429 DIFFERENTIAL LINE DRIVER
HI-8382 HOLTIC-HI-8382_06 Datasheet
223Kb / 8P
   ARINC 429 DIFFERENTIAL LINE DRIVER
logo
List of Unclassifed Man...
RM3182 ETC1-RM3182 Datasheet
62Kb / 8P
   ARINC 429 Differential Line Driver
logo
Holt Integrated Circuit...
HI-3182 HOLTIC-HI-3182_08 Datasheet
121Kb / 12P
   ARINC 429 Differential Line Driver
HI-3189 HOLTIC-HI-3189 Datasheet
85Kb / 9P
   ARINC 429 Differential Line Driver
HI-3182PSX-N HOLTIC-HI-3182PSX-N Datasheet
131Kb / 6P
   ARINC 429 DIFFERENTIAL LINE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com