Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8962 Datasheet(PDF) 8 Page - Advanced Power Electronics Corp.

Part # APE8962
Description  2A ULTRA LOW DROPOUT LINEAR REGULATOR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8962 Datasheet(HTML) 8 Page - Advanced Power Electronics Corp.

Back Button APE8962_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 7Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 8Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 9Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 10Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 11Page - Advanced Power Electronics Corp. APE8962_14 Datasheet HTML 12Page - Advanced Power Electronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Advanced Power
Electronics Corp.
APE8962
MARKING INFORMATION
SO-8
PDIP-8
8
8962M-XX
YWWSSS
Part Number
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence
Package Code
Output Voltage - Blank : ADJ ; 50 : 5.0V
90 : 9.0V ; 120 : 12V
8962D-XX
YWWSSS
Part Number
Package Code
Output Voltage - Blank : ADJ ; 50 : 5.0V
90 : 9.0V ; 120 : 12V
Date Code (YWWSSS)
Y:Last Digit Of The Year
WW:Week
SSS:Sequence


Similar Part No. - APE8962_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8961 A-POWER-APE8961 Datasheet
456Kb / 9P
   1A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8963 A-POWER-APE8963_14 Datasheet
152Kb / 9P
   3A ULTRA LOW DROPOUT LINEAR REGULATOR
APE8969 A-POWER-APE8969 Datasheet
259Kb / 7P
   1.2A HIGH OUTPUT CURRENT LDO REGULATOR
More results

Similar Description - APE8962_14

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
uPI Group Inc.
UP7704 UPI-UP7704 Datasheet
261Kb / 13P
   2A Ultra Low Dropout Linear Regulator
logo
Advanced Power Electron...
APE8902C A-POWER-APE8902C_14 Datasheet
102Kb / 9P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
logo
Eutech Microelectronics...
EUP7962 EUTECH-EUP7962 Datasheet
271Kb / 15P
   2A Ultra Low-Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
TJ4220 HTC-TJ4220 Datasheet
949Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Anpec Electronics Corop...
APL5620 ANPEC-APL5620 Datasheet
397Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
APL5620 ANPEC-APL5620_10 Datasheet
430Kb / 18P
   2A, Ultra Low Dropout (0.24V Typical) Linear Regulator
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com