Electronic Components Datasheet Search |
|
HI-8582 Datasheet(PDF) 7 Page - Holt Integrated Circuits |
|
HI-8582 Datasheet(HTML) 7 Page - Holt Integrated Circuits |
7 / 15 page LINE DRIVER OPERATION The line driver in the HI-8582 is designed to directly drive the ARINC 429 bus. The two ARINC outputs (TXAOUT and TXBOUT) provide a differential voltage to produce a +10 volt One,a -10 volt Zero, anda0 volt Null. Control register bit CR13 controls both the transmitter data rate, and the slope of the differential output signal. No additional hardware is required to control the slope. Programming CR13 to zero causesa 100 kbits/s data rate anda slope of 1.5 s on the ARINC outputs;a one on CR13 causesa 12.5 kbit/s data rate anda slope of 10 s. Timing is set by on-chip resistor and capacitor and testedto be within ARINC requirements. µ µ The HI-8582 has 37.5 ohms in series with each line driver output. The 8583 has 10 ohms in series. The HI-8583 is for applications where external series resistance is needed, typically for lightning protection devices. Repeater mode of operation allowsa data word that has been received by the HI-8582 to be placed directly into the transmitter FIFO. Repeater operation is similar to normal receiver operation. In normal operation, either byte ofa received data word may be read from the receiver latches first by use of SEL input. During repeater operation however, the lower byte of the data word must be read first. This is necessary because, as the data is being read, it is also being loaded into transmitter FIFO which is always loaded with the lower byte of the data word first. Signal flow for repeater operation is shown in the Timing Diagrams section. REPEATER OPERATION HI-8582-10 The HI-8582-10 option is similar to the HI-8582 with the exception that it allows an external 10 Kohm resistor to be added in series with each ARINC input without affecting the ARINC input thresh- olds. This option is especially useful in applications where lightning protection circuitry is also required. Each side of the ARINC bus must be connected througha 10 Kohm series resistor in order for the chip to detect the correct ARINC levels. The typical 10 volt differential signal is translated and input toa window comparator and latch. The comparator lev- els are set so that with the external 10 Kohm resistors, they are just below the standard 6.5 volt minimum ARINC data threshold and just above the standard 2.5V maximum ARINC null threshold. The HI-8582 may be operated at clock frequencies beyond that required for ARINC compliant operation. For operation at Master Clock (CLK) frequencies up to 5MHz, please contact Holt applications engineering. HIGH SPEED OPERATION DATA TRANSMISSION TRANSMITTER PARITY SELF TEST SYSTEM OPERATION When ENTX goes high, enabling transmission, the FIFO positions are incremented with the top register loading into the data transmission shift register. Within 2.5 data clocks the first data bit appears at TXAOUT and TXBOUT. The 31 or 32 bits in the data transmission shift register are presented sequentially to the outputs in the ARINC 429 format with the following timing: The word counter detects when all loaded positions have been transmitted and sets the transmitter ready flag, TX/R, high. The parity generator counts the “1”s in the 31-bit word. If control register bit CR12 is set low, the 32nd bit transmitted will make parity odd. If the control bit is high, the parity is even. Setting CR4 toa zero bypasses the parity generator, and allows 32 bits of data to be transmitted. If control register bit CR5 is set low, the transmitter serial output data are internally connected to each of the two receivers, bypassing the analog interface circuitry. Data is passed unmodified to receiver 1, and inverted to receiver 2. Taking TEST high forces TXAOUT and TXBOUT into the null state regardless of the state of CR5. The two receivers are independent of the transmitter. Therefore, control ofdata exchanges is strictly at the option of the user. The only restrictions are: 1. The received data will be overwritten if the receiver FIFO is full and at least one location is not retrieved before the next complete ARINC word is received. 2. The transmitter FIFO can store 32 words maximum and ignores attempts to load additional data if full. ARINC DATA BIT TIME 10 Clocks 80 Clocks DATA BIT TIME 5 Clocks 40 Clocks NULL BIT TIME 5 Clocks 40 Clocks WORD GAP TIME 40 Clocks 320 Clocks HIGH SPEED LOW SPEED HI-8582, HI-8583 HOLT INTEGRATED CIRCUITS 7 |
Similar Part No. - HI-8582 |
|
Similar Description - HI-8582 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |