Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282ACDM Datasheet(PDF) 3 Page - Holt Integrated Circuits

Part # HI-8282ACDM
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACDM Datasheet(HTML) 3 Page - Holt Integrated Circuits

  HI-8282ACDM Datasheet HTML 1Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 2Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 3Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 4Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
HI-8282A
FUNCTIONAL DESCRIPTION
DATA
BUS
FUNCTION
CONTROL
DESCRIPTION
PIN
If enabled, an internal connection
BDO5
SELF TEST
0= ENABLE
is made passing 429DO and
to the receiver logic inputs
RECEIVER 1
If enabled, ARINC bits9 and,
BDO6
DECODER
1= ENABLE
10 must match the next two
control word bits
If Receiver1 Decoder is
BDO7
-
-
enabled, the ARINC bit 9
must match this bit
If Receiver1 Decoder is
BDO8
-
-
enabled, the ARINC bit 10
must match this bit
RECEIVER 2
If enabled, ARINC bits9 and
BDO9
DECODER
1= ENABLE
10 must match the next two
control word bits
If Receiver2 Decoder is
BD10
-
-
enabled, then ARINC bit 9
must match this bit
If Receiver2 Decoder is
BD11
-
-
enabled, then ARINC bit 10
must match this bit
INVERT
Logic0 enables normal odd parity
BD12
XMTR
1= ENABLE
and Logic1 enables even parity
PARITY
output in transmitter 32nd bit
BD13
XMTR DATA
0= ÷10
CLK is divided either by 10 or
CLK SELECT
1= ÷80
80 to obtain XMTR data clock
BD14
RCVR DTA
0= ÷10
CLK is divided either by 10 or
CLK SELECT
1= ÷80
80 to obtain RCVR data clock
429DO
CONTROL WORD REGISTER
The HI-8282A contains 10 data flip flops whoseD inputs are con-
nected to the data bus and clocks connected to
. Each
flip flop provides options to the user as follows:
CWSTR
THE RECEIVERS
ARINC BUS INTERFACE
Figure1 shows the input circuit for each receiver. The ARINC 429
specification requires the following detection levels:
The HI-8282A guarantees recognition of these levels witha common
mode Voltage with respect to GND less than ±5V for the worst case
condition (4.75V supply and 13v signal level).
The tolerances in the design guarantee detection of the above
levels, so the actual acceptance ranges are slightly larger. If the
ARINC signal is out of the actual acceptance ranges, including the
nulls, the chip rejects the data.
STATE
DIFFERENTIAL VOLTAGE
ONE
+6.5 Volts to +13 Volts
NULL
+2.5 Volts to -2.5 Volts
ZERO
-6.5 Volts to -13 Volts
BYTE 2
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
29
28
27
26
25
24
23
22
21
20
19
18
17
16
15
14
BIT
ARINC 429 DATA FORMAT
The following table shows the bit positions in exchanging data with
the receiver or the transmitter. ARINC bit1 is the first bit
transmitted or received.
DATA
BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD BD
BUS
15
14
13
12
11
10
09
08
07
06
05
04
03
02
01
00
ARINC
13
12
11
109
31
30
32
1234567
8
BIT
BYTE 1
HOLT INTEGRATED CIRCUITS
3


Similar Part No. - HI-8282ACDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282ACDM-10 HOLTIC-HI-8282ACDM-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM-10 HOLTIC-HI-8282ACDM-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282ACDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com