Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8282ACDM Datasheet(PDF) 6 Page - Holt Integrated Circuits

Part # HI-8282ACDM
Description  ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8282ACDM Datasheet(HTML) 6 Page - Holt Integrated Circuits

Back Button HI-8282ACDM Datasheet HTML 2Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 3Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 4Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 5Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 6Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 7Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 8Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 9Page - Holt Integrated Circuits HI-8282ACDM Datasheet HTML 10Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
REPEATER OPERATION
The repeater mode of operation allowsa data word that has been
received by the HI-8282A to be placed directly into its FIFO for
transmission. Aftera 32-bit word has been shifted into the receiver
shift register, the
flag will go low. A logic "0" is placed on the SEL
line and
is strobed. This is the same procedure as for normal
receiver operation and it places the lower byte (16) of the data word
on the data bus. By strobing
at the same
D/R
EN
PL1
time as
, the byte
EN
HI-8282A
will also be placed into the transmitter FIFO. SEL is then taken high
and
is strobed again to place the upper byte of the data word on
the data bus. By strobing
at the same time as
, the second
byte will also be placed into the FIFO. The data word is now ready to
be transmitted according to the parity programmed into the control
word register.
In normal operation, either byte ofa received data word may be read
from the receiver latches first by use of SEL input. During repeater
operation however, the lower byte of the data word must be read
first. This is necessary because, as the data is being read, it is also
being loaded into the FIFO and the transmitter FIFO is always
loaded with the lower byte of the data word first.
EN
PL2
EN
429DO
429DO
ARINC BIT
NULL
DATA
DATA
DATA
NULL
NULL
WORD GAP
BIT 1
NEXT WORD
BIT 32
BIT 31
BIT 30
CWHLD
t
CWSET
t
CWSTR
t
DATA BUS
CWSTR
VALID
DATA BUS
SELEN
t
D/R
t
ENSEL
t
DATAEN
t
D/REN
t
END/R
t
EN
t
ENSEL
t
SELEN
t
DATAEN
t
ENDATA
t
ENDATA
t
ENEN
t
BYTE1 VALID
BYTE2 VALID
HOLT INTEGRATED CIRCUITS
6


Similar Part No. - HI-8282ACDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM HOLTIC-HI-8282ACDM Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8282ACDM-10 HOLTIC-HI-8282ACDM-10 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282ACDM-10 HOLTIC-HI-8282ACDM-10 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
More results

Similar Description - HI-8282ACDM

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8282A HOLTIC-HI-8282A_13 Datasheet
160Kb / 15P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-3282 HOLTIC-HI-3282_06 Datasheet
146Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282 Datasheet
612Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282 Datasheet
448Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282 HOLTIC-HI-8282_06 Datasheet
187Kb / 13P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-8282A HOLTIC-HI-8282A_06 Datasheet
214Kb / 14P
   ARINC 429 SERIAL TRANSMITTER AND DUAL RECEIVER
HI-3282 HOLTIC-HI-3282_13 Datasheet
122Kb / 14P
   ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584 Datasheet
294Kb / 14P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-8584 HOLTIC-HI-8584_13 Datasheet
232Kb / 15P
   Enhanced ARINC 429 Serial Transmitter and Dual Receiver
HI-3584 HOLTIC-HI-3584_13 Datasheet
127Kb / 17P
   Enhanced ARINC 429 3.3V Serial Transmitter and Dual Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com