Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8281CJT Datasheet(PDF) 9 Page - Holt Integrated Circuits

Part # HI-8281CJT
Description  ARINC 429 LINE DRIVER AND DUAL RECEICER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8281CJT Datasheet(HTML) 9 Page - Holt Integrated Circuits

Back Button HI-8281CJT Datasheet HTML 5Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 6Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 7Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 8Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 9Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 10Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 11Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 12Page - Holt Integrated Circuits HI-8281CJT Datasheet HTML 13Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
LIMITS
PARAMETER
CONDITIONS
UNIT
SYMBOL
Differential Input Voltage:
ONE
V
Pins 4 to 5,6 to 7: Common
6.5
10.0
13.0
V
ZERO
V
mode voltage less than ±4V
-13.0
-10.0
-6.5
V
NULL
V
with respect to GND
-2.5
0
2.5
V
Input Resistance:
Differential
R
12
K
To GND
R
12
27
K
To Vcc
R
12
27
K
Input Current:
Input Sink
I
200
µA
Input Source
I
-450
µA
Input Capacitance:
Differential
C
Pins4 to 5,6 to 7
20
pF
(Guaranteed but not tested)
To GND
C
20
pF
To Vcc
C
20
pF
Input Voltage:
Input Voltage HI
V
2.1
V
Input Voltage LO
V
0.7
V
Input Current:
Input Sink
I
1.5
µA
Input Source
I
-1.5
µA
Input Voltage:
Input Voltage HI
V
3.5
V
Input Voltage LO
V
0.7
V
Input Current:
Input Sink
I
10
µA
Input Source
I
-20
Input Voltage
Input Voltage HI
2.1
-
V+
V
-
-
0.5
V
Input Current
Input Sink
= 0V
0.1
MIN
TYP
MAX
ARINC INPUTS-
Pins 4, 5,6& 7
BI-DIRECTIONAL INPUTS- Pins 13- 22, 24- 29
OTHER INPUTS- Pins 1, 8 - 12, 30, 31, 39, 40& 43
INPUT- SLP1.5, PIN 38
IH
IL
NUL
I
G
H
IH
IL
I
G
H
IH
IL
IH
IL
IH
IL
IH
IL
V
Input Voltage LO
V
I
V
µA
Input Source
I
V
= 5V
0.1
µA
IH
IL
IH
IN
IL
IN
Vcc= 5V ±5%,
GND= 0V, TA= Operating Temperature Range (unless otherwise specified).
V+= 12V to 15V, V-= -12V to -15V,
Power Dissipation at 25C
Plastic PLCC
1.5 W, derate 10mW/ C
Ceramic J-LEAD CERQUAD
1.0 W, derate 7mW/
DC Current Drain per pin
±10mA
Operating Temperature Range:
(Industrial)
-40°C to +85°C
(Military)
-55°C to +125°C
°
°C
Storage Temperature Range:
-65°C to +150°C
Supply Voltages Vcc
-0.3V to +7V
V+
20V
V-
-20V
Voltage at pins 4, 5,6 and 7
-29V to +29V
Voltage at pin 38
-0.3 to V+ +0.3V
Voltage at any other pin
-0.3V to Vcc +0.3V
NOTE: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only.
Functional operation of the device at these or any other conditions above those indicated in the operational sections of the specifications is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
HI-8281
HOLT INTEGRATED CIRCUITS
9


Similar Part No. - HI-8281CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8281CJT HOLTIC-HI-8281CJT Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
More results

Similar Description - HI-8281CJT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8581 HOLTIC-HI-8581_06 Datasheet
142Kb / 14P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8581 HOLTIC-HI-8581 Datasheet
480Kb / 15P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8281 HOLTIC-HI-8281_03 Datasheet
379Kb / 13P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8599 HOLTIC-HI-8599 Datasheet
118Kb / 12P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8590 HOLTIC-HI-8590 Datasheet
97Kb / 8P
   ARINC 429 LINE DRIVER AND DUAL RECEIVER
HI-8585 HOLTIC-HI-8585_11 Datasheet
83Kb / 9P
   ARINC 429 Line Driver
HI-8585 HOLTIC-HI-8585_06 Datasheet
137Kb / 8P
   ARINC 429 LINE DRIVER
HI-8382 HOLTIC-HI-8382_11 Datasheet
97Kb / 9P
   ARINC 429 Differential Line Driver
HI-8599 HOLTIC-HI-8599_12 Datasheet
130Kb / 16P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
HI-8581 HOLTIC-HI-8581_13 Datasheet
128Kb / 15P
   ARINC 429 Transmitter with Line Driver and Dual Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com