Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8050PQT Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8050PQT
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8050PQT Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8050PQT Datasheet HTML 1Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 2Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 3Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 4Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 5Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 6Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 7Page - Holt Integrated Circuits HI-8050PQT Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
HI-8050/51, HI-8150/51
PIN DESCRIPTION TABLE
VSS
POWER
0 Volts
LOGIC INPUT Open or high logic level selects the HI-8010/HI-8110
/
logic. A low
selects the HI-8020/HI-8120 Logic (HI-8050& HI-8150 only)
LOGIC INPUT Chip select- Active low
LOGIC INPUT Serial data input clock- Active low
LD
LOGIC INPUT Latches data in shift register to the segment outputs- Active high
DIN
LOGIC INPUT Serial input data to the shift register
BPIN
INPUT
Backplane frequency input. Either driven from an external source or connected
to BPOSC and an external resistor and capacitor.
BPOSC
OUTPUT
Internal oscillator pin. Connected to BPIN and an external resistor and capacitor
VDD
POWER
+5V ±5%, Positive voltage of the backplane and segments
CONVOSC
INPUT
Used in conjunction with CONVOUT to generate the negative VEE voltage
on-chip (HI-8050& HI-8150 only).
CONVOUT
OUTPUT
Used in conjunction with CONVOSC to generate the negative VEE voltage
on-chip (HI-8050& HI-8150 only).
VEE
POWER
Negative voltage of the backplane and segments- between VSS and VDD- 35V
S1 to S38
OUTPUT
Segment outputs to LCD display
BPOUT
OUTPUT
Backplane output to LCD display (See Figure3 for cascading drivers)
T1
LOGIC INPUT Used in conjunction with T2 to control display mode. Normal mode is logic low.
T2
LOGIC INPUT Used in conjunction with T1 to control display mode. Normal mode is logic low.
DOUT30
OUTPUT
Logic output from the 30th bit of the shift register. Use for pattern
verification or as the DIN of the next cascaded driver (HI-8050& HI-8150 only).
DOUT32
OUTPUT
DOUT38
OUTPUT
SIGNAL
FUNCTION
DESCRIPTION
8020OPT
CL CS
CS
CL
Logic output from the 32nd bit of the shift register. Use for pattern
verification or as the DIN of the next cascaded driver (HI-8050& HI-8150 only).
Logic output from the 38th bit of the shift register. Use for pattern
verification or as the DIN of the next cascaded driver.
HOLT INTEGRATED CIRCUITS
2


Similar Part No. - HI-8050PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050PQT HOLTIC-HI-8050PQT Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8050PQT HOLTIC-HI-8050PQT Datasheet
86Kb / 8P
   CMOS High Voltage Display Driver
HI-8050PQTF HOLTIC-HI-8050PQTF Datasheet
86Kb / 8P
   CMOS High Voltage Display Driver
More results

Similar Description - HI-8050PQT

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com