Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8020S-63 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8020S-63
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8020S-63 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8020S-63 Datasheet HTML 1Page - Holt Integrated Circuits HI-8020S-63 Datasheet HTML 2Page - Holt Integrated Circuits HI-8020S-63 Datasheet HTML 3Page - Holt Integrated Circuits HI-8020S-63 Datasheet HTML 4Page - Holt Integrated Circuits HI-8020S-63 Datasheet HTML 5Page - Holt Integrated Circuits HI-8020S-63 Datasheet HTML 6Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CASCADING- EXT. OSCILLATOR
HI-8020/HI-8120 Series
CASCADING- RC OSCILLATOR
DIN
HI-8020J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
1- 33
DIN
HI-8020J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
33- 64
DIN
HI-8020J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
65- 96
BACK
PLANE
LD
CL
CS
DIN
HI-8120J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
1- 32
LCDØ OPT
DIN
HI-8120J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
33- 64
LCDØ OPT
DIN
HI-8120J-85
CS
LCDØ
CL
LD
DOUT
BP
SEGMENTS
65- 96
LCDØ OPT
BACK
PLANE
470pf
150K
W
LD
CL
CS
Figure 2
Figure 3
HOLT INTEGRATED CIRCUITS
3-12
ADDITIONAL HI-8020/HI-8120 PIN CONFIGURATIONS
(See page 3-9 for 44-Pin Plastic PLCC)
S5
S4
S3
S2
S1
S38
S37
V
LCDØ
DIN
LD
DD
CL
S17
S18
S19
BP
DOUT 38
S20
S21
S22
S23
S24
S25
S26
7
8
9
10
11
12
13
14
15
16
17
18
42
41
40
39
38
37
36
35
34
33
32
HI-8020S-61
HI-8120S-61
HI-8020SM-62
&
HI-8120SM-62
48- PIN
CERAMIC
LCC
S5
S4
S3
S2
S1
S38
S37
V
DIN
LD
DD
LCDØ/LCDØOPT
CL
S17
S18
S19
BP
DOUT 38
S20
S21
S22
S23
S24
S25
S26
7
8
9
10
11
12
13
14
15
16
17
18
42
41
40
39
38
37
36
35
34
33
32
HI-8020S-63
HI-8120S-63
HI-8020SM-64
&
HI-8120SM-64
48- PIN
CERAMIC
LCC
PIN DESCRIPTIONS
SYMBOL
FUNCTION
DESCRIPTION
VSS
POWER
0 Volts
INPUT
Logic input
Chip select
INPUT
Logic input
Clocks shift register on negative edge and DOUT pins on positive edge
LD
INPUT
Logic input
Segment outputs equal shift register data if Load is high
DIN
INPUT
Logic input
Shift register data input
LCD0
INPUT
Analog input
Display clock input and is always bonded out. Can swing from VEE to VDD
LCD0OPT
OUTPUT
Analog output
Bonded out only if an RC oscillator is required
VDD
POWER
5 Volts
VEE
POWER
O Volts to -30 Volts
DOUT
OUTPUT
Logic output
Selected pinout can provide shift register taps at positions 30, 32, 34, or 38
BP
OUTPUT
Display drive output
Low resistance drive for the backplane and swings from VDD to VEE
Segments
OUTPUT
Display drive output
High resistance drive for each segment and swings from VDD to VEE
CS
CL


Similar Part No. - HI-8020S-63

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8020S-63 HOLTIC-HI-8020S-63 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8020S-63

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8010 HOLTIC-HI-8010 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com