Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1568CDM-03 Datasheet(PDF) 1 Page - Holt Integrated Circuits

Part # HI-1568CDM-03
Description  5V MONOLITHIC DUAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568CDM-03 Datasheet(HTML) 1 Page - Holt Integrated Circuits

  HI-1568CDM-03 Datasheet HTML 1Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 2Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 3Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 4Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 5Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 6Page - Holt Integrated Circuits HI-1568CDM-03 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
HI-1567, HI-1568
DESCRIPTION
FEATURES
PIN CONFIGURATIONS
The HI-1567 and HI-1568 are low power CMOS dual
transceivers designed to meet the requirements of
MIL-STD-1553 /1760 specifications.
The transmitter section of each channel takes
complimentary CMOS/ TTL digital input data and converts
it to bi-phase Manchester encoded 1553 signals suitable
for driving the bus isolation transformer. Separate
transmitter inhibit control signals are provided for each
transmitter.
The receiver section of the each channel converts the 1553
bus bi-phase data to complimentary CMOS/ TTL data
suitable for inputting toa Manchester decoder. Each
receiver hasa separate enable input which can be used to
force the output of the receiver toa logic0 (HI-1567) or
logic1 (HI-1568).
To minimize the package size for this function, the
transmitter outputs are internally connected to the receiver
inputs, so that only two pins are required for connection to
each coupling transformer. For designs requiring
independent access to transmitter and receiver 1553
signals, please contact your Holt Sales representative.
VDDA 1
BUSA 2
3
RXENA 4
GNDA 5
VDDB 6
BUSB 7
8
RXENB 9
GNDB 10
BUSA
BUSB
!
!
!
!
!
!
!
Compliant to MIL-STD-1553A& B,
MIL-STD-1760
CMOS technology for low standby power
Smallest footprint available in 20 pin plastic
ESOIC (thermally enhanced SOIC) package
Less than 1.0W maximum power dissipation
Available in DIP, Flatpack and small outline
(ESOIC) package options
Military processing options
Industry standard pin configurations
20 Pin Ceramic DIP package
20
19 TXA
18 TXINHA
17 RXA
16
15
14 TXB
13 TXINHB
12 RXB
11
TXA
RXA
TXB
RXB
VDDA
BUSA
RXENA
GNDA
VDDB
BUSB
RXENB
GNDB
BUSA
BUSB
TXA
RXA
TXB
RXB
TXA
TXINHA
RXA
TXB
TXINHB
RXB
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
20 Pin Plastic ESOIC- WB package
March 2001
(DS1567 Rev. B)
03/01
HOLT INTEGRATED CIRCUITS
1


Similar Part No. - HI-1568CDM-03

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568CDM HOLTIC-HI-1568CDM Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568CDM HOLTIC-HI-1568CDM Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568CDM HOLTIC-HI-1568CDM Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1568CDM-03

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com