Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

APE8845 Datasheet(PDF) 2 Page - Advanced Power Electronics Corp.

Part # APE8845
Description  600mA LOW DROPOUT LINEAR REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-POWER [Advanced Power Electronics Corp.]
Direct Link  http://www.a-power.com.tw
Logo A-POWER - Advanced Power Electronics Corp.

APE8845 Datasheet(HTML) 2 Page - Advanced Power Electronics Corp.

  APE8845_14 Datasheet HTML 1Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 2Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 3Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 4Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 5Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 6Page - Advanced Power Electronics Corp. APE8845_14 Datasheet HTML 7Page - Advanced Power Electronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Advanced Power
Electronics Corp.
APE8845
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN) ------------------------------------------ 6V
Power Dissipation ------------------------------------------- 0.625W
Storage Temperature Range ---------------------------- -65°C To 150°C
Maximum Junction Temperature ------------------------ 150°C
RECOMMENDED OPERATING CONDITIONS
Input Voltage (VIN) ------------------------------------------ 2.8 to 5.5V
Operating Junction Temperature Range (TJ) -------- -40 to 125
oC
Ambient Temperature (TA) -------------------------------- -40 to 85
oC
ELECTRICAL SPECIFICATIONS
( VIN=VOUT+1V or VIN=2.8V whichever is greater, CIN=1uF, COUT=1uF, TA=25
oC, unless otherwise specified)
Parameter
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
Output Voltage Accuracy
∆VOUT
IO=1mA
-1
-
1
%
FB Voltage
VFB
VIN=2.6V to 5.5V, IOUT=1mA
0.792
0.8
0.808
V
Current Limit
ILIMIT
RLoad=1Ω
600
650
-
mA
Quiescent Current
IQ
IO= 0mA
-
40
55
µA
0.8V ≦ VOUT ≦ 2.0V
-
1000
-
IO=300mA
2.0V < VOUT ≦ 2.8V
-
350
-
2.8V < VOUT ≦ 3.3V
-
250
-
0.8V ≦ VOUT ≦ 2.0V
-
1600 2000
IO=600mA
2.0V < VOUT ≦ 2.8V
-
1200 1500
2.8V < VOUT ≦ 3.3V
-
800
1000
Line Regulation
∆VLINE
IO=1mA, VIN=VOUT +1.5V to 5V
-
1
5
mV
Load Regulation (Note 2)
∆VLOAD
IO=1mA to 600mA
-
50
100
mV
Io=1mA, COUT=1uF, fRIPPLE = 100Hz
-
68
-
Io=1mA, COUT=1uF, fRIPPLE = 10KHz
-
48
-
Temperature Coefficient
TC
IOUT = 1mA, VIN = 5V
-
50
-
ppm/
oC
Thermal Shutdown Temperature
TSD
-
160
-
oC
Thermal Shutdown Hysteresis
∆TSD
-
25
-
oC
Shutdown Pin Current
ISHDN
--
5
µA
Shutdown Pin Voltage (ON)
VSHDN(ON)
1.4
-
-
V
Shutdown Pin Voltage (OFF)
VSHDN(OFF)
-
-
0.4
V
Note 1:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drop about 100mV.
Note 2:Regulation is measured at a constant junction temperature by using 30ms current pulse and load regulation in the load range from
0mA to 600mA.
Note 3:The dropout voltage is defined as VIN-VOUT, which is measured when VOUT drop about 100mV.
2
Dropout Voltage (Note 1)
VDROP
mV
dB
PSRR
Ripple Rejection
Dropout Voltage (Note 3)
VDROP
mV


Similar Part No. - APE8845_14

ManufacturerPart #DatasheetDescription
logo
Advanced Power Electron...
APE8845 A-POWER-APE8845 Datasheet
239Kb / 7P
   Guaranteed 600mA Output Current
More results

Similar Description - APE8845_14

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2315 BCDSEMI-AP2315 Datasheet
119Kb / 12P
   600mA LOW DROPOUT LINEAR REGULATOR
AP2317 BCDSEMI-AP2317_07 Datasheet
161Kb / 14P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Advanced Power Electron...
APE8805 A-POWER-APE8805 Datasheet
241Kb / 9P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
BCD Semiconductor Manuf...
AP2317 BCDSEMI-AP2317 Datasheet
156Kb / 13P
   600mA LOW DROPOUT LINEAR REGULATOR
AZ1117B BCDSEMI-AZ1117B Datasheet
175Kb / 15P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Sipex Corporation
SPX1202 SIPEX-SPX1202 Datasheet
205Kb / 11P
   600mA Low Dropout Linear Regulator
logo
uPI Group Inc.
UP8807 UPI-UP8807 Datasheet
236Kb / 10P
   600mA Low Dropout Linear Regulator
logo
Global Mixed-mode Techn...
G983-XXX GMT-G983-XXX Datasheet
92Kb / 1P
   Low-Dropout, 600mA Linear Regulator
logo
Richtek Technology Corp...
RT9080 RICHTEK-RT9080 Datasheet
302Kb / 14P
   600mA Low-Dropout Linear Regulator
logo
Unisonic Technologies
LR1148 UTC-LR1148 Datasheet
233Kb / 4P
   600mA LOW DROPOUT LINEAR REGULATOR
logo
Fitipower Integrated Te...
FP6130 FITIPOWER-FP6130 Datasheet
414Kb / 8P
   600mA Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com