Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8105 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-8105
Description  PROGRAMMABLE DIVIDER WITH OSC OR CLK
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8105 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-8105 Datasheet HTML 1Page - Holt Integrated Circuits HI-8105 Datasheet HTML 2Page - Holt Integrated Circuits HI-8105 Datasheet HTML 3Page - Holt Integrated Circuits HI-8105 Datasheet HTML 4Page - Holt Integrated Circuits HI-8105 Datasheet HTML 5Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Package Type:
8-PIN PLASTIC DIP
8P
.385
± .015
(4.699
± .381)
7
° TYP.
.025
± .010
(.635± .254)
.335
± .035
(8.509
± .889)
.250 ± .010
(6.350
± .254)
.100
± .010
(3.540
± .254)
.135
± .015
(3.429
± .381)
.055
± .010
(1.397
± .254)
.1375
± .0125
(3.493
± .318)
.019
± .002
(.483
± .102)
.0115
± .0035
(.292
± .089)
.300
± .010
(7.620
± .254)
HI-8105/ HI-8106 PACKAGE DIMENSIONS
inches (millimeters)
HOLT INTEGRATED CIRCUITS
4
Package Type:
Detail A
0
° to 8°
Detail A
8HN
8-PIN PLASTIC SMALL OUTLINE (SOIC)- NB
(Narrow Body)
IN
P
1
.236 ± .008
(5.994± .203)
.1535 ± .0035
(3.90± .09)
.1935 ± .0035
(4.915± .085)
.0086 ± .0012
(.2184± .0305)
.050 ± .010
(1.27± .254)
.033 ± .017
(.8382± .4318)
.055 ± .005
(1.397± .127)
.0069 ± .0029
(.1753± .0737)
.0165 ± .0035
(.4191± .0889)


Similar Part No. - HI-8105

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8110 HOLTIC-HI-8110 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110J-85 HOLTIC-HI-8110J-85 Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110J-85 HOLTIC-HI-8110J-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110JF-85 HOLTIC-HI-8110JF-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110PQI HOLTIC-HI-8110PQI Datasheet
380Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8105

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE1197 NTE-NTE1197 Datasheet
19Kb / 2P
   Integrated Circuit OSC and 12-Stage Divider
logo
Toshiba Semiconductor
TC74HC7292AP TOSHIBA-TC74HC7292AP Datasheet
300Kb / 7P
   PROGRAMMABLE DIVIDER/TIMER
TC74HC7292AP TOSHIBA-TC74HC7292AP_07 Datasheet
407Kb / 10P
   Programmable Divider/Timer
logo
STMicroelectronics
M54HC292 STMICROELECTRONICS-M54HC292 Datasheet
299Kb / 14P
   PROGRAMMABLE DIVIDER/TIMER
M74HC292 STMICROELECTRONICS-M74HC292 Datasheet
469Kb / 12P
   PROGRAMMABLE DIVIDER/TIMER
M74HC294 STMICROELECTRONICS-M74HC294 Datasheet
422Kb / 11P
   PROGRAMMABLE DIVIDER/TIMER
logo
Integrated Device Techn...
8745B-21 IDT-8745B-21 Datasheet
322Kb / 19P
   Differential CLK
logo
Texas Instruments
CDCP1803 TI-CDCP1803 Datasheet
308Kb / 19P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
CDCP1803-EP TI1-CDCP1803-EP Datasheet
595Kb / 24P
[Old version datasheet]   1:3 LVPECL CLOCK BUFFER WITH PROGRAMMABLE DIVIDER
logo
Hittite Microwave Corpo...
HMC988LP3E HITTITE-HMC988LP3E Datasheet
1Mb / 22P
   PROGRAMMABLE CLOCK DIVIDER AND DELAY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com