Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-15530PST Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-15530PST
Description  Manchester Encoder / Decoder
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-15530PST Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-15530PST Datasheet HTML 1Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 2Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 3Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 4Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 5Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 6Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 7Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 8Page - Holt Integrated Circuits HI-15530PST Datasheet HTML 9Page - Holt Integrated Circuits Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
The Decoder requiresa single clock witha frequency of 12
times the desired data rate applied at the DECODER
CLOCK input. The Manchester II coded data can be
presented to the Decoder in one of two ways. The
BIPOLAR ONE and BIPOLAR ZERO inputs will accept
data froma comparator sensed transformer coupled bus as
specified in MIL-STD-1553. The UNIPOLAR DATA input
can only accept non-inverted Manchester II coded data
(e.g. from
of an Encoder). The
Decoder is free running and continuously monitors its data
input lines fora valid sync character and two valid
Manchester data bits to start an output cycle. Whena valid
sync is recognized (1), the type of sync is indicated on
COMMAND/
SYNC output. If the sync character was
a command sync, this output will go high (2) and remain
high for sixteen DECODER SHIFT CLOCK periods (3),
otherwise it will remain low. The TAKE DATA output will go
high and remain high (2)- (3) while the Decoder is
transmitting the decoded data through SERIAL DATA OUT.
The decoded data available at SERIAL DATA OUT is ina
NRZ format. The DECODER SHIFT CLOCK is provided so
that the decoded bits can be shifted into an external register
on every low-to-high transition of this clock(2)- (3). After all
sixteen decoded bits have been transmitted (3) the data is
checked for odd parity.A high on VALID WORD output (4)
indicatesa successful reception ofa word without any
Manchester or parity errors. At this time the Decoder is
BIPOLAR ZERO OUT
DATA
HI-15530
HOLT INTEGRATED CIRCUITS
4
DECODER OPERATION
0
1
2
3
4
5
6
7
16
17
18
19
15
14
13
12
11
2
1
0
P
2
1
0
P
15
14
13
12
11
SYNC
SYNC
SYNC
15
14
13
12
3
2
1
0
SYNC
(1)(2)
(3)
(4)
May be high from previous reception
VALID WORD
DECODER
SHIFT CLK
TIMING
TAKE DATA
SERIAL
DATA OUT
BIPOLAR
ONE IN
BIPLOAR
ZERO IN
8
COMMAND/
SYNC
DATA
10
10
4
UNDEFINED
TAKE DATA
UNIPOLAR
DATA IN
BIPOLAR
ONE IN
BIPOLAR
ZERO IN
MASTER
RESET
DECODER
CLK
DECODER
RESET
COMMAND/
SYNC
DATA
SERIAL DATA
OUT
VALID
WORD
DECODER
SHIFT CLK
TRANSITION
FINDER
CHARACTER
IDENTIFIER
SYNCHRONIZER
BIT
COUNTER
BIT
RATE
CLK
PARITY
CHECK
looking fora new sync character to start another output
sequence. VALID WORD will go low approximately 20
DECODER SHIFT CLOCK periods after it goes high if not
reset low sooner bya valid sync and two valid Manchester
bits as shown (1). At any time in the above sequence,a
high input on DECODER RESET duringa low-to-high
transition of DECODER SHIFT CLOCK will abort
transmission and initialize the Decoder to start looking fora
new sync character.


Similar Part No. - HI-15530PST

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-15530PST HOLTIC-HI-15530PST Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
HI-15530PSTF HOLTIC-HI-15530PSTF Datasheet
266Kb / 12P
   5V / 3.3V Manchester Encoder / Decoder
More results

Similar Description - HI-15530PST

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD-6409 RENESAS-HD-6409 Datasheet
687Kb / 15P
   CMOS Manchester Encoder-Decoder
logo
Intersil Corporation
HD-15530 INTERSIL-HD-15530_02 Datasheet
281Kb / 13P
   CMOS Manchester Encoder-Decoder
HD-6409883 INTERSIL-HD-6409883 Datasheet
135Kb / 7P
   CMOS Manchester Encoder-Decoder
HD-15530 INTERSIL-HD-15530 Datasheet
169Kb / 12P
   CMOS Manchester Encoder-Decoder
March 1997
HD1-15530-9 INTERSIL-HD1-15530-9 Datasheet
276Kb / 13P
   CMOS Manchester Encoder-Decoder
March 1997
HD-6409 INTERSIL-HD-6409_05 Datasheet
277Kb / 12P
   CMOS Manchester Encoder-Decoder
logo
Diodes Incorporated
3D7503 DIODES-3D7503 Datasheet
316Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
logo
Intersil Corporation
HD-15531 INTERSIL-HD-15531 Datasheet
115Kb / 8P
   CMOS Manchester Encoder-Decoder
March 1997
logo
Data Delay Devices, Inc...
3D7503D-20 DATADELAY-3D7503D-20 Datasheet
47Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
3D7523 DATADELAY-3D7523 Datasheet
292Kb / 5P
   MONOLITHIC MANCHESTER ENCODER/DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com