Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-8110 Datasheet(PDF) 2 Page - Holt Integrated Circuits

Part # HI-8110
Description  CMOS HIGH VOLTAGE DISPLAY DRIVER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-8110 Datasheet(HTML) 2 Page - Holt Integrated Circuits

  HI-8110 Datasheet HTML 1Page - Holt Integrated Circuits HI-8110 Datasheet HTML 2Page - Holt Integrated Circuits HI-8110 Datasheet HTML 3Page - Holt Integrated Circuits HI-8110 Datasheet HTML 4Page - Holt Integrated Circuits HI-8110 Datasheet HTML 5Page - Holt Integrated Circuits HI-8110 Datasheet HTML 6Page - Holt Integrated Circuits HI-8110 Datasheet HTML 7Page - Holt Integrated Circuits HI-8110 Datasheet HTML 8Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
FUNCTIONAL DESCRIPTION
Whenevera Logic "0" is applied to the Chip Select (
)
input, one bit of data is clocked into the shift register from the
serial data input (DIN) with each negative transition of the
Clock (
) input.
is internally tied to VSS on some
versions. A Logic "1" present at the Load (LD) input will
causea parallel transfer of data from the shift register to the
data latch. If the Load (LD) input is held high while data is
clocked into the shift register, the latch will be transparent.
To display segments,a Logic "1" is stored in the appropriate
shift register bit position, and the segment output is out-of-
phase with the backplane.
The backplane output functions in1 of2 modes; externally
driven or self-oscillating. When the LCDØ input is externally
driven with the LCDØOPT input open circuit (Figure 2), the
backplane output will be in-phase with LCDØ. Utilizing the
self-oscillating mode, inputs LCDØ and LCDØOPT are tied
together and connected to an RC circuit (Figure 3).
A 150K
resistor witha 470pF capacitor generates an
approximate backplane frequency of 100Hz. The
LCDØ/LCDØOPT oscillator frequency is divided by 256 to
determine the backplane output frequency.
The resistor
value (R) must be at least 30K
for proper self-oscillator
operation.
For displays havinga number of segments greater than 38,
two or more of the display drivers may be cascaded together
by connecting the serial data output (DOUT) from the first
driver, to the serial data input (DIN) of the following driver,
etc. (See Figures2& 3). Data out (DOUT) will change state
CS
CL
CS
W
All four logic inputs are TTL compatible on the HI-8010 and
CMOS compatible on the HI-8110.
W
HI-8010/HI-8110 Series
TIMING DIAGRAM
t
CSH
t
CSS
t
DS
t
DH
t
CL
t
CDO
t
LS
t
LW
t
CSL
t
LCS
CL
INPUT
DIN
INPUT
CS
INPUT
LD
INPUT
DOUT
OUTPUT
VALID
VALID
INTERNAL OSCILLATOR CIRCUIT
TO BACKPLANE
TRANSLATOR
AND DRIVER
÷ 256
LCDØ
OPT
LCDØ
Figure 1
Q
on the rising edge of the Clock (
). Clock (
), Load (LD)
and Chip Select (
) should be tied in common with each
other, respectively, between all cascaded display drivers.
CL
CL
CS
HOLT INTEGRATED CIRCUITS
3-4


Similar Part No. - HI-8110

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8110J-85 HOLTIC-HI-8110J-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110JF-85 HOLTIC-HI-8110JF-85 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110QI HOLTIC-HI-8110QI Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110QIF HOLTIC-HI-8110QIF Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8110QT HOLTIC-HI-8110QT Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results

Similar Description - HI-8110

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-8050 HOLTIC-HI-8050 Datasheet
247Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045_11 Datasheet
77Kb / 6P
   CMOS High Voltage Display Driver
HI-8050 HOLTIC-HI-8050_03 Datasheet
95Kb / 8P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8010 HOLTIC-HI-8010_06 Datasheet
110Kb / 9P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8045 HOLTIC-HI-8045 Datasheet
73Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_07 Datasheet
90Kb / 6P
   CMOS High Voltage Display Driver
HI-8045 HOLTIC-HI-8045_07 Datasheet
83Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8040 HOLTIC-HI-8040_05 Datasheet
78Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020_06 Datasheet
222Kb / 7P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
HI-8020 HOLTIC-HI-8020 Datasheet
271Kb / 6P
   CMOS HIGH VOLTAGE DISPLAY DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com