Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HI-1568 Datasheet(PDF) 4 Page - Holt Integrated Circuits

Part # HI-1568
Description  5V MONOLITHIC DUAL TRANSCEIVERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTIC [Holt Integrated Circuits]
Direct Link  http://www.holtic.com
Logo HOLTIC - Holt Integrated Circuits

HI-1568 Datasheet(HTML) 4 Page - Holt Integrated Circuits

  HI-1568 Datasheet HTML 1Page - Holt Integrated Circuits HI-1568 Datasheet HTML 2Page - Holt Integrated Circuits HI-1568 Datasheet HTML 3Page - Holt Integrated Circuits HI-1568 Datasheet HTML 4Page - Holt Integrated Circuits HI-1568 Datasheet HTML 5Page - Holt Integrated Circuits HI-1568 Datasheet HTML 6Page - Holt Integrated Circuits HI-1568 Datasheet HTML 7Page - Holt Integrated Circuits  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
PARAMETER
SYMBOL
CONDITION
MIN
TYP
MAX
UNITS
Operating Voltage
VDD
4.755
5.25
V
Total Supply Current
ICC1
Not Transmitting
22
mA
ICC2
Transmit one channel @
320
340
mA
50% duty cycle
ICC3
Transmit one channel @
570
615
mA
100% duty cycle
Power Dissipation
PD1
Not Transmitting
0.4
W
PD2
Transmit one channel @
0.95
W
100% duty cycle
Min. Input Voltage
(HI)
V
Digital inputs
2.0
1.4
V
Max. Input Voltage
(LO)
V
Digital inputs
1.4
0.8
V
Min. Input Current
(HI)
I
V
= 4.9V, Digital inputs
20
µA
Max. Input Current
(LO)
I
V
= 0.1V, Digital inputs
-20
µA
Min. Output Voltage
(HI)
V
I
= -0.4mA, Digital outputs
2.7
V
Max. Output Voltage
(LO)
V
I
= 4.0mA, Digital outputs
0.4
V
Input resistance
Rin
Differential
20
kohm
Input capacitance
Cin
Differential
5
pF
Common mode rejection ratio
CMRR
40
dB
Input Level
Vin
Differential
8
Vp-p
Input common mode voltage
VICM
-5.0
5.0
V-pk
Threshold Voltage
VTH
1 MHz Sine Wave
0.56
1.2
Vp-p
Output Voltage
35 ohm load
7.0
9.0
Vp-p
140 ohm load
28.0
36.0
Vp-p
Output Noise
VON
Differential, inhibited
10.0
mVp-p
Output Dynamic Offset Voltage
Across 35 ohm load
-90
90
mV
Across 140 ohm load
-360
360
mV
Output resistance
Rout
Differential, not transmitting
10
kohm
Output Capacitance
Cout
1 MHz sine wave
15
pF
IH
IL
IH
IH
IL
IL
OH
OUT
IH
OUT
RECEIVER
TRANSMITTER
(Measured at Point “A” in Figure 2)
(Measured at Point “V ” in Figure 2)
IN
Vout
Vdyn
NOTE:
Stresses above absolute maximum
ratings or outside recommended operating
conditions may cause permanent damage to the
device. These are stress ratings only. Operation
at the limits is not recommended.
Supply voltage (
Logic input voltage range
Power dissipation at 25°C
0.5 W
ceramic DIL, derate
7mW/°C
Solder Temperature
275°C for 10 sec
Storage Temperature
-65°C to +150°C
VDD)
-0.3V to +7 V
-0.3V dc to +5.5 V
Receiver differential voltage
10 Vp-p
Driver peak output current
+1.0 A
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Temperature Range
Industrial Screening.........-40°C to +85°C
Hi-Temp Screening........-55°C to +125°C
Military Screening..........-55°C to +125°C
VDD....................................... 5V... ±5%
VDD= 5.0V, V
= 0V, T = Operating Temperature Range (unless otherwise specified).
SS
A
HI-1567, HI-1568
HOLT INTEGRATED CIRCUITS
4


Similar Part No. - HI-1568

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1568 HOLTIC-HI-1568 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568 HOLTIC-HI-1568 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1568CDI HOLTIC-HI-1568CDI Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
More results

Similar Description - HI-1568

ManufacturerPart #DatasheetDescription
logo
Holt Integrated Circuit...
HI-1567 HOLTIC-HI-1567_16 Datasheet
83Kb / 11P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_09 Datasheet
97Kb / 10P
   5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565 Datasheet
159Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_03 Datasheet
106Kb / 9P
   5V MONOLITHIC DUAL TRANSCEIVERS
HI-1567 HOLTIC-HI-1567_09 Datasheet
85Kb / 10P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_06 Datasheet
157Kb / 9P
   5V Monolithic Dual Transceivers
HI-1567 HOLTIC-HI-1567_13 Datasheet
83Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1565 HOLTIC-HI-1565_13 Datasheet
88Kb / 10P
   MIL-STD-1553 / 1760 5V Monolithic Dual Transceivers
HI-1579 HOLTIC-HI-1579_16 Datasheet
84Kb / 11P
   3.3V Monolithic Dual Transceivers
HI-1579A HOLTIC-HI-1579A Datasheet
69Kb / 9P
   3.3V Monolithic Dual Transceivers
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com