Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2503L-1-F3 Datasheet(PDF) 7 Page - NEC

Part # PS2503L-1-F3
Description  LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PS2503L-1-F3 Datasheet(HTML) 7 Page - NEC

Back Button PS2503L-1-F3 Datasheet HTML 3Page - NEC PS2503L-1-F3 Datasheet HTML 4Page - NEC PS2503L-1-F3 Datasheet HTML 5Page - NEC PS2503L-1-F3 Datasheet HTML 6Page - NEC PS2503L-1-F3 Datasheet HTML 7Page - NEC PS2503L-1-F3 Datasheet HTML 8Page - NEC PS2503L-1-F3 Datasheet HTML 9Page - NEC PS2503L-1-F3 Datasheet HTML 10Page - NEC PS2503L-1-F3 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PS2503-1,-2,-4,PS2503L-1,-2,-4
TYPICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified)
150
100
50
025
50
75
100
125
150
1.5 mW/˚C
1.2 mW/˚C
150
100
50
25
50
100
125
150
0
1.5 mW/˚C
1.2 mW/˚C
PS2503-1
PS2503L-1
PS2503-2
PS2503L-2
PS2503-4
PS2503L-4
PS2503-1
PS2503L-1
PS2503-2
PS2503L-2
PS2503-4
PS2503L-4
100
1.5
1.4
1.3
1.2
1.1
1.0
0.9
0.8
0.7
50
10
5
1
0.5
0.1
Ambient Temperature TA (˚C)
Forward Voltage VF (V)
Collector Saturation Voltage VCE(sat) (V)
Ambient Temperature TA (˚C)
Ambient Temperature TA (˚C)
DIODE POWER DISSIPATION vs.
AMBIENT TEMPERATURE
TRANSISTOR POWER DISSIPATION
vs. AMBIENT TEMPERATURE
FORWARD CURRENT vs.
FORWARD VOLTAGE
COLLECTOR TO EMITTER DARK
CURRENT vs. AMBIENT TEMPERATURE
COLLECTOR CURRENT vs.
COLLECTOR SATURATION VOLTAGE
75
Collector to Emitter Voltage VCE (V)
COLLECTOR CURRENT vs.
COLLECTOR TO EMITTER VOLTAGE
–55 ˚C
0 ˚C
–25 ˚C
+60 ˚C
+25 ˚C
TA = +100 ˚C
12
2
10
8
6
4
2
0
4
6
810
IF = 0.6 mA
0.8 mA
1 mA
1.5 mA
2 mA
3 mA
4 mA
5 mA
100
50
10
1.0
0.3
5.0
VCE = 40 V
30 V
20 V
10 V
–25
0
25
50
75
100
10
1.0
0.8
0.6
0.4
0.2
0
5
1
0.5
0.1
30
IF = 0.8 mA
1 mA
2 mA
5 mA
10 mA
Data Sheet PN10227EJ01V0DS
7


Similar Part No. - PS2503L-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2503L-1-F3 CEL-PS2503L-1-F3 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503L-1-F3-A CEL-PS2503L-1-F3-A Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
More results

Similar Description - PS2503L-1-F3

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2503-1 CEL-PS2503-1 Datasheet
208Kb / 12P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1_15 Datasheet
236Kb / 14P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING MULTI PHOTOCOUPLER SERIES
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Everlight Electronics C...
EL2200 EVERLIGHT-EL2200 Datasheet
1Mb / 18P
   8 PIN DIP HIGH SPEED LOW INPUT CURRENT LOGIC GATE PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com