Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

156CMQ200 Datasheet(PDF) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

Part # 156CMQ200
Description  SCHOTTKY RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SMC [Sangdest Microelectronic (Nanjing) Co., Ltd]
Direct Link  http://www.smc-diodes.com/
Logo SMC - Sangdest Microelectronic (Nanjing) Co., Ltd

156CMQ200 Datasheet(HTML) 2 Page - Sangdest Microelectronic (Nanjing) Co., Ltd

  156CMQ200 Datasheet HTML 1Page - Sangdest Microelectronic (Nanjing) Co., Ltd 156CMQ200 Datasheet HTML 2Page - Sangdest Microelectronic (Nanjing) Co., Ltd 156CMQ200 Datasheet HTML 3Page - Sangdest Microelectronic (Nanjing) Co., Ltd 156CMQ200 Datasheet HTML 4Page - Sangdest Microelectronic (Nanjing) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SANGDEST
MICROELECTRONICS
Technical Data
Green Products
Data Sheet N1181, Rev. -
• Weiqi Street, Airport Development Zone, Jiangning District, Nanjing, China 211113
(86) 25-87123907
• FAX (86) 25-87123900 • World Wide Web Site - http://www.sangdest.com.cn • E-Mail Address - sales@ sangdest.com.cn •
156CMQ200
Maximum Ratings:
Characteristics
Symbol
Condition
Max.
Units
Peak Inverse Voltage
VRWM
-
200
V
Max. Average Forward*
IF(AV)
50% duty cycle @TC = 90°C,
rectangular wave form
160
A
Max. Peak One Cycle Non-
Repetitive Surge Current
(peg leg)
IFSM
8.3 ms, half Sine pulse
950
A
Electrical Characteristics:
Characteristics
Symbol
Condition
Max.
Units
VF1
@ 80A, Pulse, TJ = 25 °C
1.10
V
Max. Forward Voltage Drop
(per leg) *
VF2
@ 80A, Pulse, TJ = 75 °C
0.90
V
Max. Reverse Current (per
leg) *
IR1
@VR = rated VR
TJ = 25 °C
1.5
mA
IR2
@VR = rated VR
TJ = 125 °C
21
mA
Max. Junction Capacitance
(per leg)
CT
@VR = 5V, TC = 25 °C
fSIG = 1MHz
900
pF
* Pulse Width < 300µs, Duty Cycle <2%
Thermal-Mechanical Specifications:
Characteristics
Symbol
Condition
Specification
Units
Max. Junction Temperature
TJ
-
-55 to +175
°C
Max. Storage Temperature
Tstg
-
-55 to +175
°C
Maximum Thermal
Resistance Junction to Case
(per leg)
RθJC
DC operation
1.0
°C/W
Maximum Thermal
Resistance Junction to Case
(per package)
RθJC
DC operation
0.5
°C/W
Typical Thermal Resistance,
case to Heat Sink
Rθcs
Mounting surface, smooth and
greased
0.10
°C/W
40(min)
Mounting Torque
TM
-
58(max)
Kg-cm
Approximate Weight
wt
-
56
g
Case Style
TO-249(9 pin)


Similar Part No. - 156CMQ200

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
156C ETC2-156C Datasheet
261Kb / 2P
   D.C. Filter (153-159 Series)
logo
Hammond Manufacturing L...
156C HAMMOND-156C Datasheet
181Kb / 1P
   D.C. Reactors or Filter Chokes, Low to Medium Current
logo
Illinois Capacitor, Inc...
156CKE250MGBW ILLINOISCAPACITOR-156CKE250MGBW Datasheet
310Kb / 3P
   Extended life 2000 hour
156CKE250MGBW ILLINOISCAPACITOR-156CKE250MGBW Datasheet
304Kb / 3P
   Small size - High voltage - General purpose
156CKE250MGBW ILLINOISCAPACITOR-156CKE250MGBW Datasheet
407Kb / 3P
   Small Size - High Voltage - General Purpose
More results

Similar Description - 156CMQ200

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SED120LB100 SSDI-SED120LB100_1 Datasheet
98Kb / 2P
   Schottky Rectifier
logo
Yangzhou yangjie electr...
SS22A YANGJIE-SS22A Datasheet
168Kb / 2P
   Schottky Rectifier
logo
International Rectifier
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
   SCHOTTKY RECTIFIER
logo
Sirectifier Semiconduct...
MBR3060CT SIRECTIFIER-MBR3060CT Datasheet
133Kb / 2P
   SCHOTTKY RECTIFIER
logo
International Rectifier
153CNQ100 IRF-153CNQ100 Datasheet
64Kb / 4P
   SCHOTTKY RECTIFIER
30CLJQ100 IRF-30CLJQ100 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
30LJQ150 IRF-30LJQ150 Datasheet
51Kb / 4P
   SCHOTTKY RECTIFIER
logo
Fairchild Semiconductor
FMKA130L FAIRCHILD-FMKA130L Datasheet
63Kb / 2P
   Schottky Rectifier
logo
International Rectifier
160CNQ IRF-160CNQ Datasheet
89Kb / 5P
   SCHOTTKY RECTIFIER
logo
Sensitron
SHD125044P SENSITRON-SHD125044P Datasheet
84Kb / 3P
   SCHOTTKY RECTIFIER
163CMQ SENSITRON-163CMQ Datasheet
143Kb / 4P
   SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com