Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VN02AN-11-E Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN02AN-11-E
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02AN-11-E Datasheet(HTML) 4 Page - STMicroelectronics

  VN02AN-11-E Datasheet HTML 1Page - STMicroelectronics VN02AN-11-E Datasheet HTML 2Page - STMicroelectronics VN02AN-11-E Datasheet HTML 3Page - STMicroelectronics VN02AN-11-E Datasheet HTML 4Page - STMicroelectronics VN02AN-11-E Datasheet HTML 5Page - STMicroelectronics VN02AN-11-E Datasheet HTML 6Page - STMicroelectronics VN02AN-11-E Datasheet HTML 7Page - STMicroelectronics VN02AN-11-E Datasheet HTML 8Page - STMicroelectronics VN02AN-11-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (-40
oC
≤ Tj ≤ 125 oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VSTAT
Status Voltage Output
Low
ISTAT = 1.6 mA
0.4
V
ISTAT
Status Leakage Current VSTAT = 5 V
10
µA
VUSD
Under Voltage Shut
Down
3.5
6
7
V
VSCL
Status Clamp Voltage
ISTAT = 10 mA
ISTAT = -10 mA
5.5
6
-0.7
-0.3
V
V
IOV
Over Current
RLOAD < 10 m
15
A
Iav
Average Current In
Short Circuit
RLOAD < 10 m
Tc = 85
o C
0.6
A
IDOFF
Leakage Current
VCC = 30 V
1
mA
TTSD
Thermal Shut-down
Temperature
140
oC
TR
Reset Temperature
125
oC
(*) The Vih is internally clamped at about 6V. It is possible to connect this pin to a higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
TRUTH TABLE
INPUT
DIAGNOSTIC
OUTPUT
Normal Operation
L
H
H
H
L
H
Over-temperature
H
L
L
Under-voltage
X
H
L
Figure 1: Waveforms
VN02AN
4/11


Similar Part No. - VN02AN-11-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02AN STMICROELECTRONICS-VN02AN Datasheet
104Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02AN011Y STMICROELECTRONICS-VN02AN011Y Datasheet
104Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02AN012Y STMICROELECTRONICS-VN02AN012Y Datasheet
104Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results

Similar Description - VN02AN-11-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
   High side smart power solid state relay
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
   High side smart power solid state relay
VN05NSP STMICROELECTRONICS-VN05NSP Datasheet
97Kb / 9P
   HIGH SIDE SMART POWER SOLID STATE RELAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com