Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC621J Datasheet(PDF) 3 Page - C&K Components

Part # KSC621J
Description  Positive tactile feeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC621J Datasheet(HTML) 3 Page - C&K Components

  KSC621J Datasheet HTML 1Page - C&K Components KSC621J Datasheet HTML 2Page - C&K Components KSC621J Datasheet HTML 3Page - C&K Components KSC621J Datasheet HTML 4Page - C&K Components KSC621J Datasheet HTML 5Page - C&K Components KSC621J Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
OPTION
CODE
OPERATING FORCE
0
1.2 N (120 grams)
1
1.4 N (140 grams)
2
1.6 N / 1.7 N (160/170 grams)
4
3 N / 4 N (300/400 grams)
5
5.5 N (550 grams)
6
4.5 N / 8 N (450/800 grams)
B–37
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
OPERATING FORCE
KSC Series
Sealed Tact Switch for SMT
CONTACT MATERIAL
OPTION
CODE
MATERIAL
1
SILVER
2
SILVER LONG LIFE
3
GOLD
4
GOLD LONG LIFE
TERMINATION
J J BEND
G GULLWING
10
( 7,6 )
12 mini
5,8 maxi
PAD LAYOUT
6,8
3,3 mini
8,6 mini
3 maxi
PAD LAYOUT


Similar Part No. - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
299Kb / 6P
   KSC Series Sealed Tact Switch for SMT
logo
ITT Industries
KSC621J ITT-KSC621J Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Positive tactile feeling
More results

Similar Description - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC221GLFS CK-COMPONENTS-KSC221GLFS Datasheet
312Kb / 6P
   Positive tactile feeling
logo
ALPS ELECTRIC CO.,LTD.
SKRT ALPS-SKRT_15 Datasheet
676Kb / 3P
   Side push with high solder strength and tactile feeling
logo
Productwell Precision E...
R12C12AB1 PRODUCTWELL-R12C12AB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
R12C12BB1 PRODUCTWELL-R12C12BB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
logo
Grayhill, Inc
62HS22-H0-040S GRAYHILL-62HS22-H0-040S Datasheet
335Kb / 2P
   High Rotational Torque Provides Positive Tactile Feedback
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com