Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KSC621J Datasheet(PDF) 1 Page - C&K Components

Part # KSC621J
Description  Positive tactile feeling
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSC621J Datasheet(HTML) 1 Page - C&K Components

  KSC621J Datasheet HTML 1Page - C&K Components KSC621J Datasheet HTML 2Page - C&K Components KSC621J Datasheet HTML 3Page - C&K Components KSC621J Datasheet HTML 4Page - C&K Components KSC621J Datasheet HTML 5Page - C&K Components KSC621J Datasheet HTML 6Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
B–35
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
B
9 Apr 14
LFS Lead free compatible, silver plated.
LFG Lead free compatible, gold plated.
KSC Series
Sealed Tact Switch for SMT
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select
desired option from each category and place it in the appropriate box.
For any part number different from those listed above, please consult your local representative.
Features/Benefits
Positive tactile feeling
J or G terminations
Tape & reel
IP 67
Mechanical
Specification
FUNCTION: Momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: J bend & Gullwing type for SMT
A detect switch version is available KSC4D1J and KSC4D1G.
Please see Detect chapter.
For other versions, please refer to KSC5, KSC9, KSC4V and
KSC-ST datasheets.
Actuator
1 Without, H=2,5 mm
2 Soft, H=3,5 mm
3 Hard, H=3,5 mm
4 Soft, H=5,2 mm
6 Hard, H=7,7 mm
7 Soft, H=4,3 mm****
8 Hard, H=4,9 mm
K S C
Operating Force
0 1.2 N (120 grams)
1 1.4 N (140 grams)
2 1.6 N / 1.7 N *
(160/170 grams)
4 3 N / 4 N *
(300/400 grams)
5 5.5 N (550 grams)
6 4.5 N / 8.0
(450/800 grams)
Contact Material
Operating life
1 Silver
2 Silver long life
3 Gold
4 Gold long life
Termination
J J bend
G Gull wing
Operating
Operating
Type
force FA
life
Travel
(Newtons)
(operations)
(mm)
Min/Max
KSC121J
1.2 / 2.5
200,000
0.3 ± 0.15
KSC141J
2.25 / 3.75
200,000
0.3 ± 0.15
KSC151J
4.1 / 6.9
100,000
0.35 ± 0.15
KSC201J
0.9 / 2.0
300,000
0.3 +0.2 /-0.15
KSC221J
1.5 / 2.5
500,000
0.35 +0.3 /-0.1
KSC222J
1.5 / 2.5
1,000,000
0.35 +0.3 /-0.1
KSC241J
2.6 / 4.4
300,000
0.5 ± 0.2
KSC251J
4.1 / 7.0
300,000
0.5 ± 0.2
KSC321J
1.6 / 2.4
300,000
0.2 +0.3 /0
KSC341J
2.25 / 3.75
300,000
0.2 +0.3 /0
KSC351J
4.0 / 6.0
100,000
0.25 +0.3 /0
KSC401J 50SH
0.9 / 2.0
5,000,000
0.5 ± 0.25
KSC411J 70SH
1.05 / 1.75
1,000,000
0.35 ± 0.20
KSC421J 70SH
1.25 / 2.12
300,000
0.5 ± 0.25
KSC422J 70SH
1.25 / 2.12
1,000,000
0.5 ± 0.25
KSC441J 70SH
3.0 / 5.0
300,000
0.75 ± 0.25
KSC442J 70SH
3.0 / 5.0
1,000,000
0.75 ± 0.25
KSC621J
1.0 / 1.65
300,000
0.5 ± 0.2
KSC641J
2.25 / 3.75
300,000
0.5 ± 0.2
KSC721 J
1.7 / 2.8
300,000
0.3 ± 0.15
KSC741J
2.9 / 4.9
300,000
0.4 ± 0.20
KSC821JLFS
2.4 / 3.9
300,000
0.65 ± 0.2
Typical Applications
Automotive
Cellular phones
Industrial electronics
Network infrastructure and IT
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mV
20 mV
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA
DIELECTRIC STRENGTH (50 Hz, 1 min.): 250 V
CONTACT RESISTANCE: < 100 m
INSULATION RESISTANCE (100 V): > 109
BOUNCE TIME: < 1 ms
* Ultra low current with 1µA version are available upon request for
KSC2 and KSC4
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
SOLDERING: Depending on the application, this component is
suited to the following methods:
– Terminals being silver or gold plated over a nickel barrier, the
use of slightly activated flux is suitable.
– Soldering on double wave machine for vertical versions:
soldering time < 5 sec.
– Cleaning according to typical washing processes.
– Infrared Reflow Soldering in accordance with IEC 61760-1.
Packaging
KSC1, KSC2 and KSC3 are delivered on continuous tape and reels of
2,000 pieces, KSC4 in reels of 1,000 pieces. KSC 6 in reels of 750
pieces. KSC7 in reels of 1,000 pieces. Dimensions of reels according
to EIA RS481 or IEC 60286-3. External diameter 330 mm ± 2 mm.
NOTE: Specifications listed above are for switches with standard options.
Other versions in terms of force, termination length and corrosion protection available.
Please contact your sales representative.
This data sheet does not provide enough information for applications which require a
certain level of quality or safety such as automotive, medical systems, safety equipment.
Please contact your sales representative to get contractual specification package.
*
See Mechanical chart above to confirm specifications
**
Applies to KSC401J50SH only
*** Applies to KSC 411J70SH, KSC421J70SH,KSC441J70SH
**** KSC7 offered with blue actuator as standard
***** Other actuator materials are available, please refer to
KSC-ST datasheet
S H
Rubber Hardness Indication*****
50 Shore**
70 Shore***


Similar Part No. - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
273Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
299Kb / 6P
   KSC Series Sealed Tact Switch for SMT
logo
ITT Industries
KSC621J ITT-KSC621J Datasheet
250Kb / 5P
   Sealed Tact Switch for SMT
logo
C&K Components
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Sealed Tact Switch for SMT
KSC621J CK-COMPONENTS-KSC621J Datasheet
312Kb / 6P
   Positive tactile feeling
More results

Similar Description - KSC621J

ManufacturerPart #DatasheetDescription
logo
C&K Components
KSC221GLFS CK-COMPONENTS-KSC221GLFS Datasheet
312Kb / 6P
   Positive tactile feeling
logo
ALPS ELECTRIC CO.,LTD.
SKRT ALPS-SKRT_15 Datasheet
676Kb / 3P
   Side push with high solder strength and tactile feeling
logo
Productwell Precision E...
R12C12AB1 PRODUCTWELL-R12C12AB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
R12C12BB1 PRODUCTWELL-R12C12BB1_14 Datasheet
1Mb / 1P
   Excellent Operatonal Feeling
logo
Grayhill, Inc
62HS22-H0-040S GRAYHILL-62HS22-H0-040S Datasheet
335Kb / 2P
   High Rotational Torque Provides Positive Tactile Feedback
logo
Omron Electronics LLC
B3M OMRON-B3M Datasheet
261Kb / 4P
   Tactile Switch
B3W OMRON-B3W Datasheet
800Kb / 6P
   Tactile Switch
logo
HOKURIKU ELECTRIC INDUS...
KSHS636ATS HOKURIKU-KSHS636ATS Datasheet
73Kb / 1P
   Tactile Switches
logo
CUI INC
TS04 CUI-TS04 Datasheet
429Kb / 5P
   TACTILE SWITCH
11/03/2021
TS16 CUI-TS16 Datasheet
389Kb / 5P
   TACTILE SWITCH
04/13/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com