Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA440A-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P4SMA440A-E3
Description  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P4SMA440A-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  P4SMA440A-E3 Datasheet HTML 1Page - Vishay Siliconix P4SMA440A-E3 Datasheet HTML 2Page - Vishay Siliconix P4SMA440A-E3 Datasheet HTML 3Page - Vishay Siliconix P4SMA440A-E3 Datasheet HTML 4Page - Vishay Siliconix P4SMA440A-E3 Datasheet HTML 5Page - Vishay Siliconix P4SMA440A-E3 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
P4SMA Series
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-12
2
Document Number: 88367
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1) Pulse test: tp  50 ms
(2) Surge current waveform per fig. 3 and derate per fig. 2
(3) All terms and symbols are consistent with ANSI/IEEE CA62.35
(4) For bi-directional types with VR of 10 V and less, the ID limit is doubled
(5) VF = 3.5 V at IF = 25 A (uni-directional only)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PART
NUMBER
DEVICE
MARKING
CODE
BREAKDOWN
VOLTAGE
VBR AT IT (1)
(V)
TEST
CURRENT
IT
(mA)
STAND-OFF
VOLTAGE
VWM
(V)
MAXIMUM
REVERSE
LEAKAGE
AT VWM
ID (4)
(μA)
MAXIMUM
PEAK
PULSE
CURRENT
IPPM (2)
(A)
MAXIMUM
CLAMPING
VOLTAGE
AT IPPM
VC (V)
MAXIMUM
TEMPERATURE
COEFFICIENT
OF VBR
(%/°C)
UNI
BI
MIN.
MAX.
P4SMA6.8A
6V8A 6V8C
6.45
7.14
10
5.80
1000
38.1
10.5
0.057
P4SMA7.5A
7V5A 7V5C
7.13
7.88
10
6.40
500
35.4
11.3
0.061
P4SMA8.2A
8V2A 8V2C
7.79
8.61
10
7.02
200
33.1
12.1
0.065
P4SMA9.1A
9V1A 9V1C
8.65
9.55
1.0
7.78
50
29.9
13.4
0.068
P4SMA10A
10A
10C
9.5
10.5
1.0
8.55
10
27.6
14.5
0.073
P4SMA11A
11A
11C
10.5
11.6
1.0
9.40
5.0
25.6
15.6
0.075
P4SMA12A
12A
12C
11.4
12.6
1.0
10.2
1.0
24.0
16.7
0.078
P4SMA13A
13A
13C
12.4
13.7
1.0
11.1
1.0
22.0
18.2
0.081
P4SMA15A
15A
15C
14.3
15.8
1.0
12.8
1.0
18.9
21.2
0.084
P4SMA16A
16A
16C
15.2
16.8
1.0
13.6
1.0
17.8
22.5
0.086
P4SMA18A
18A
18C
17.1
18.9
1.0
15.3
1.0
15.9
25.2
0.089
P4SMA20A
20A
20C
19.0
21.0
1.0
17.1
1.0
14.4
27.7
0.090
P4SMA22A
22A
22C
20.9
23.1
1.0
18.8
1.0
13.1
30.6
0.092
P4SMA24A
24A
24C
22.8
25.2
1.0
20.5
1.0
12.0
33.2
0.090
P4SMA27A
27A
27C
25.7
28.4
1.0
23.1
1.0
10.7
37.5
0.096
P4SMA30A
30A
30C
28.5
31.5
1.0
25.6
1.0
9.7
41.4
0.097
P4SMA33A
33A
33C
31.4
34.7
1.0
28.2
1.0
8.8
45.7
0.098
P4SMA36A
36A
36C
34.2
37.8
1.0
30.8
1.0
8.0
49.9
0.099
P4SMA39A
39A
39C
37.1
41.0
1.0
33.3
1.0
7.4
53.9
0.100
P4SMA43A
43A
43C
40.9
45.2
1.0
36.8
1.0
6.7
59.3
0.101
P4SMA47A
47A
47C
44.7
49.4
1.0
40.2
1.0
6.2
64.8
0.101
P4SMA51A
51A
51C
48.5
53.6
1.0
43.6
1.0
5.7
70.1
0.102
P4SMA56A
56A
56C
53.2
58.8
1.0
47.8
1.0
5.2
77.0
0.103
P4SMA62A
62A
62C
58.9
65.1
1.0
53.0
1.0
4.7
85.0
0.104
P4SMA68A
68A
68C
64.6
71.4
1.0
58.1
1.0
4.3
92.0
0.104
P4SMA75A
75A
75C
71.3
78.8
1.0
64.1
1.0
3.9
104
0.105
P4SMA82A
82A
82C
77.9
86.1
1.0
70.1
1.0
3.5
113
0.105
P4SMA91A
91A
91C
86.5
95.5
1.0
77.8
1.0
3.2
125
0.106
P4SMA100A
100A 100C
95.0
105
1.0
85.5
1.0
2.2
137
0.106
P4SMA110A
110A 110C
105
116
1.0
94.0
1.0
2.0
152
0.107
P4SMA120A
120A 120C
114
126
1.0
102
1.0
1.8
165
0.107
P4SMA130A
130A 130C
124
137
1.0
111
1.0
1.7
179
0.107
P4SMA150A
150A 150C
143
158
1.0
128
1.0
1.4
207
0.106
P4SMA160A
160A 160C
152
168
1.0
136
1.0
1.4
219
0.108
P4SMA170A
170A 170C
162
179
1.0
145
1.0
1.3
234
0.108
P4SMA180A
180A 180C
171
189
1.0
154
1.0
1.2
246
0.108
P4SMA200A
200A 200C
190
210
1.0
171
1.0
1.1
274
0.108
P4SMA220A
220A 220C
209
231
1.0
185
1.0
0.9
328
0.108
P4SMA250A
250A
-
237
263
1.0
214
1.0
0.87
344
0.110
P4SMA300A
300A
-
285
315
1.0
256
1.0
0.73
414
0.110
P4SMA350A
350A
-
333
368
1.0
300
1.0
0.62
482
0.110
P4SMA400A
400A
-
380
420
1.0
342
1.0
0.55
548
0.110
P4SMA440A
440A
-
418
462
1.0
376
1.0
0.50
602
0.110
P4SMA480A
480A
-
456
504
1.0
408
1.0
0.46
658
0.110
P4SMA510A
510A
-
485
535
1.0
434
1.0
0.43
698
0.110
P4SMA540A
540A
-
513
567
1.0
459
1.0
0.41
740
0.110


Similar Part No. - P4SMA440A-E3

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA440A LITTELFUSE-P4SMA440A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Nantong Hornby Electron...
P4SMA440A HORNBY-P4SMA440A Datasheet
336Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
P4SMA440A VISHAY-P4SMA440A Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
logo
Shunye Enterprise
P4SMA440A SHUNYE-P4SMA440A Datasheet
301Kb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotec Semiconductor
P4SMA440A DIOTEC-P4SMA440A Datasheet
135Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results

Similar Description - P4SMA440A-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com