Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


N-10B Datasheet(PDF) 1 Page - Richco, Inc.

Part No. N-10B
Description  CABLE CLAMPS, NB SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RICHCO [Richco, Inc.]
Homepage  http://www.richco-inc.com
Logo 

   
 1 page
background image
A
C
PRINT
TYPE
-
-----
-
SEE ENGINEERING FOR REV A-L
M
09/13/06
SK
SEE ECN #1215 FOR CHANGES
TOLERANCES
UNLESS NOTED
.XX=±.010
.XXX=±.005
FRAC.=±1/64
ANG.=±1°
N
04/15/08
SK
SEE CO 200162 FOR CHANGES
O
09/09/08
SK
SEE CO 200235 FOR CHANGES
P
04/02/09
SK
SEE CO 200348 FOR CHANGES
"E"
DATE
SEE TABLE
PART #
CHKD:
APP:
DWN:
DT:
SHEET SIZE:
SHEET:
TITLE:
FILE #:
1 OF 1
A
09/13/06
SJ
NB
SK
FINAL
SK
IN [MM]
RICHCO, INC.
ENG@RICHCO-INC.COM
(773) 539-4060
DWG IN
RE:
ENGR.
SOLIDWORKS
RICHCO, INC.
CABLE CLAMPS, NB SERIES
DESCRIPTION
CREATED USING
REV.
NOTES:
1. MATERIAL: NYLON 6/6 UL 94 V-2, UV STABILIZED, (RMS-46), COLOR: BLACK
AVAILABLE BY SPECIAL ORDER ONLY.
TO ORDER ADD "-UVB" TO PART NO.
*PARTS AVAILABLE BY SPECIAL ORDER-NAFTA REGION ONLY
NYLON 6/6 UL 94
V-2 (RMS-01).
COLOR: NATURAL
PART NO.
NYLON 6/6 UL 94
V-0 (RMS-19).
COLOR: NATURAL
PART NO.
NYLON 6/6 UL 94
V-2 (RMS-01).
COLOR: BLACK
PART NO.
"D"
HOLDING DIA.
"E" REF.
N-2B
N-2B-19
N-2B-BK
1/8 [3.2]
21/64 [8.3]
N-3B
N-3B-19
N-3B-BK
3/16 [4.8]
25/64 [9.9]
N-4B
N-4B-19
N-4B-BK
1/4 [6.4]
27/64 [10.7]
*N-4BE
*N-4BE-19
*N-4BE-BK
.23 [5.8]
27/64 [10.7]
N-5B
N-5B-19
N-5B-BK
5/16 [7.9]
29/64 [11.5]
N-6B
N-6B-19
N-6B-BK
3/8 [9.5]
31/64 [12.3]
N-7B
N-7B-19
N-7B-BK
7/16 [11.1]
17/32 [13.5]
N-8B
N-8B-19
N-8B-BK
1/2 [12.7]
9/16 [14.3]
N-9B
N-9B-19
N-9B-BK
9/16 [14.3]
19/32 [15]
N-10B
N-10B-19
N-10B-BK
5/8 [15.9]
5/8 [15.9]
N-11B
N-11B-19
N-11B-BK
11/16 [17.5]
21/32 [16.6]
N-12B
N-12B-19
N-12B-BK
3/4 [19.1]
49/64 [19.5]
N-14B
N-14B-19
N-14B-BK
7/8 [22.2]
13/16 [20.6]
N-16B
N-16B-19
N-16B-BK
1 [25.4]
29/32 [23]
N-18B
N-18B-19
N-18B-BK
1-1/8 [28.6]
31/32 [24.6]
1/16" 1.5
"D"
1/2"
13/64" 5.2
12.7
7/32" 5.6




Html Pages

1 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl