Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7202LA Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7202LA
Description  CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7202LA Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7202LA Datasheet HTML 1Page - Integrated Device Technology IDT7202LA Datasheet HTML 2Page - Integrated Device Technology IDT7202LA Datasheet HTML 3Page - Integrated Device Technology IDT7202LA Datasheet HTML 4Page - Integrated Device Technology IDT7202LA Datasheet HTML 5Page - Integrated Device Technology IDT7202LA Datasheet HTML 6Page - Integrated Device Technology IDT7202LA Datasheet HTML 7Page - Integrated Device Technology IDT7202LA Datasheet HTML 8Page - Integrated Device Technology IDT7202LA Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
COMMERCIAL,INDUSTRIALANDMILITARY
TEMPERATURERANGES
IDT7201L/7201LA/7202LA CMOS ASYNCHRONOUS FIFO
256 x 9, 512 x 9 and 1,024 x 9
PIN CONFIGURATIONS
RECOMMENDED DC OPERATING
CONDITIONS
Symbol
Parameter
Min.
Typ.
Max. Unit
VCC
SupplyVoltage
4.5
5.0
5.5
V
Commercial/Industrial/Military
GND
SupplyVoltage
0
0
0
V
VIH(1)
Input High Voltage Com'l/Ind'l
2.0
V
VIH(1)
Input High Voltage Military
2.2
V
VIL(2)
InputLowVoltage
0.8
V
Commercial/Industrial/Military
TA
OperatingTemperatureCommercial
0
70
°C
TA
OperatingTemperatureIndustrial
–40
85
°C
TA
OperatingTemperatureMilitary
–55
125
°C
NOTES:
1. For RT/RS/XI input, VIH = 2.6V (commercial).
For RT/RS/XI input, VIH = 2.8V (military).
2. 1.5V undershoots are allowed for 10ns once per cycle.
ABSOLUTE MAXIMUM RATINGS
Symbol
Rating
Com’l & Ind'l
Mil.
Unit
VTERM
TerminalVoltage
–0.5 to +7.0
–0.5 to +7.0
V
withRespect
to GND
TSTG
Storage
–55 to +125
–65 to +155
°C
Temperature
IOUT
DCOutput
–50to+50
–50to+50
mA
Current
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation of
the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
Reference
Order
PackageType
Identifier
Code
PLASTIC DIP(1)
P28-1
P
PLASTIC THIN DIP
P28-2
T P
CERDIP(1)
D28-1
D
THIN CERDIP
D28-3
TD
SOIC
SO28-3
SO
TOP VIEW
Reference
Order
Package Type
Identifier
Code
LCC(1)
L32- 1
L
PLCC
J32-1
J
TOP VIEW
NOTE:
1. The 600-mil-wide DIP (P28-1 and D28-1) and LCC are not available for the IDT7200.
W
D8
VCC
D4
1
2
28
27
D3
D5
326
D2
D6
425
D1
D7
524
D0
FL/RT
623
XI
RS
722
FF
EF
821
Q0
XO/HF
920
Q1
Q7
10
19
Q2
Q6
11
18
Q3
Q5
12
17
Q8
Q4
13
16
GND
R
14
15
2679 drw 02a
D2
5
D1
6
D0
7
XI
8
FF
9
Q0
10
Q1
11
NC
12
Q2
13
D6
D7
NC
FL/RT
RS
EF
XO/HF
Q7
Q6
29
28
27
26
25
24
23
22
21
4
3
2
1
32 31 30
14 15 16 17 18 19 20
INDEX
2679 drw 02b


Similar Part No. - IDT7202LA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
IDT7202LA IDT-IDT7202LA Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA ETC2-IDT7202LA Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
IDT7202LA IDT-IDT7202LA Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results

Similar Description - IDT7202LA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
Mosel Vitelic, Corp
MS7200L MOSEL-MS7200L Datasheet
175Kb / 11P
   256 x 9, 512 x 9, 1K x 9 CMOS FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
154Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9,DUAL 1,024 x 9, DUAL 2,048 x 9,DUAL 4,096 x 9, DUAL 8,192 x 9
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
IDT72V81 IDT-IDT72V81 Datasheet
98Kb / 11P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9
IDT72V81 IDT-IDT72V81_09 Datasheet
125Kb / 12P
   3.3 Volt CMOS DUAL ASYNCHRONOUS FIFO DUAL 512 x 9, DUAL 1,024 x 9 DUAL 2,048 x 9, DUAL 4,096 X 9 DUAL 8,192 X 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com