Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7134SA Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7134SA
Description  HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7134SA Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7134SA Datasheet HTML 4Page - Integrated Device Technology IDT7134SA Datasheet HTML 5Page - Integrated Device Technology IDT7134SA Datasheet HTML 6Page - Integrated Device Technology IDT7134SA Datasheet HTML 7Page - Integrated Device Technology IDT7134SA Datasheet HTML 8Page - Integrated Device Technology IDT7134SA Datasheet HTML 9Page - Integrated Device Technology IDT7134SA Datasheet HTML 10Page - Integrated Device Technology IDT7134SA Datasheet HTML 11Page - Integrated Device Technology IDT7134SA Datasheet HTML 12Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11
IDT7134SA/LA
High-Speed 4K x 8 Dual-Port Static SRAM
Military, Industrial and Commercial Temperature Ranges
Ordering Information
Datasheet Document History
03/25/99:
Initiateddatasheetdocumenthistory
Convertedtonewformat
Cosmeticandtypographicalcorrections
Pages 2
Addedadditionalnotestopinconfigurations
060/9/99:
Changeddrawingformat
10/01/99:
Added Industrial Temperature Ranges and removed corresponding notes
11/10/99:
Replaced IDT logo
12/22/99:
Page 1
Made corrections to drawing
03/03/00:
Correctedblockdiagramandpinconfigurations
Changed±500mVto0mV
01/12/00:
Pages 1 2
Moved "Description to page 2 and adjusted page layout
Page 1
Added "LA only)" to paragraph
Page 2
Fixed P48-1 package description
Page 3
Increasedstoragetemperatureparameters
ClarifiedTA parameter
Page 4
DCElectricalparameters–changedwordingfrom"open"to"disabled"
Page 10
FixedTruthTablespecificationin"FunctionalDescription"paragraph
01/17/06:
Page 1
Addedgreenavailabilitytofeatures
Page 11
Addedgreenindicatortoorderinginformation
Page 1 & 11
Replaced old IDTTM with new IDTTM logo
08/12/08:
Page 11
Correctedtypointheorderinginformation
NOTES:
1. Contact your local sales office for industrial temp. range for other speeds, packages and powers.
2. Green parts available. For specific speeds, packages and powers contact your local sales office.
3. For "P", plastic DIP, when ordering green package the suffix is "PDG".
2720 drw 13
Blank
I(1)
B
P
C
J
L48
F
20
25
35
45
55
70
LA
SA
7134
Commercial (0
°C to +70°C)
Industrial (-40
°C to +85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
48-pin Plastic DIP (P48-1)
48-pin Ceramic DIP (C48-2)
52-pin PLCC (J52-1)
48-pin LCC (L48-1)
48-pin Ceramic Flatpack (F48-1)
Speed in nanoseconds
Low Power
Standard Power
32K (4K x 8-Bit) Dual-Port RAM
Commercial Only
Commercial & Industrial
Commercial & Military
Commercial & Military
Commercial, Industrial & Military
Commercial & Military
G
(2)
Green
(3)
XXXX
A
999
A
A
Device
Type
Power Speed Package
Process/
Temperature
Range
A
A
Blank
8
Tube or Tray
Tape and Reel


Similar Part No. - IDT7134SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7134SA20C IDT-IDT7134SA20C Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7134SA

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7134LA IDT-IDT7134LA Datasheet
148Kb / 11P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT7134SA IDT-IDT7134SA_18 Datasheet
136Kb / 12P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC SRAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C135 CYPRESS-CY7C135_05 Datasheet
400Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
CY7C135 CYPRESS-CY7C135 Datasheet
506Kb / 12P
   4K x 8 Dual-Port Static RAM and 4K x 8 Dual-Port SRAM with Semaphores
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA_18 Datasheet
205Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com