Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M91A Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82M91A
Description  3D USB Mouse
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M91A Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82M91A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M91A Datasheet HTML 6Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Pin Assignment
Pin Description
Pin No. Pin Name I/O
Description
USB Interface (2 pins)
3
USBD+
I/O USB data plus
4
USBD-
I/O USB data minus
General purpose I/O (9 pins)
6, 7
X1, X2
I
X-axis photo input with built-in Holtek's special dynamic photo in-
put resistor
8, 9
Y1, Y2
I
Y-axis photo input with built-in Holtek's special dynamic photo in-
put resistor
10, 11
Z1, Z2
I
Z-axis input supports two kinds of scroller input; optomechanical
and mechanical
12, 13,
14
L, R, M
I
These pins are input port with pull-high resistor. These pads can
function as Left, Right and Middle button input lines.
Miscellaneous (7 pins)
1
VSS
¾ Negative power supply, ground
2
V33O
O 3.3V voltage output
5
RESET
I
Chip reset input, low active
15
LED
I/O Drives LED output
16
VDD
¾ 5V positive power supply
17
OSC2
O 6MHz OSC output
18
OSC1
I
6MHz OSC input
HT82M91A
2
January 28, 2000
HT 8 2 M 9 1 A
1 8 D I P
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
VS S
V 33O
US B D +
US B D -
RE S E T
X1
X2
Y1
Y2
OS C 1
OS C 2
VD D
LE D
M
R
L
Z2
Z1


Similar Part No. - HT82M91A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M938R HOLTEK-HT82M938R Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
More results

Similar Description - HT82M91A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M98A HOLTEK-HT82M98A Datasheet
89Kb / 7P
   3D USBPS2 Mouse
HT82M33A HOLTEK-HT82M33A Datasheet
642Kb / 13P
   3D Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M22 HOLTEK-HT82M22 Datasheet
95Kb / 6P
   5-Key 3D USBPS/2 Optical Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M21A HOLTEK-HT82M21A Datasheet
94Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M21A HOLTEK-HT82M21A_05 Datasheet
114Kb / 6P
   3-Key 3D USBPS/2 Optical Mouse Controller
HT82M938T HOLTEK-HT82M938T Datasheet
162Kb / 12P
   27MHz 3D PS2 Mouse Controller
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com