Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HT82M398A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT82M398A
Description  WIN2000 3D PS/2 Mouse Controller
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M398A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT82M398A Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M398A Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
HT82M398A
WIN2000 3D PS/2 Mouse Controller
Pin Assignment
1
February 22, 2000
Features
·
Compatible with Microsoft Windows 2000
and 5-button Wheel Mouse
·
Compatible with Microsoft Intelli 3D PS/2
and IBM PS/2 mouse
·
Supports rolling buttons in PS/2 mouse
mode
·
X/Y axis photo input with built-in Holtek¢s
special dynamic photo-input resistor
·
Supports three buttons and three axes
(X, Y, Z) inputs
·
Z axis can support two kinds of scroller in-
put (optomechanical and mechanical)
·
2MHz RC oscillator for system frequency
with external pull-high resistor
·
16-pin DIP package
General Description
The HT82M398A is a Plug and Play WIN2000
and 5-button 3D PS/2 mouse controller. It is
also compatible with Microsoft Intelli 3D PS/2
and IBM PS/2 mouse. The Z axis can support
two kinds of scroller input, namely; mechanical
and optomechanical.
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Y2
Y1
X2
X1
B4
LB
R0
RB
Z1
Z2
VD D
B5
VS S
OS C I
CL K
DA T A
H T 82M 398A
16 D I P


Similar Part No. - HT82M398A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
More results

Similar Description - HT82M398A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT82M398A HOLTEK-HT82M398A_06 Datasheet
108Kb / 7P
   5-Key 3D WIN2000 PS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A_05 Datasheet
110Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M980A HOLTEK-HT82M980A Datasheet
167Kb / 6P
   5-Key 3D WIN2000 USBPS/2 Mouse Controller
HT82M39A HOLTEK-HT82M39A Datasheet
105Kb / 10P
   3D PS/2 Mouse Controller
logo
List of Unclassifed Man...
TP8472 ETC-TP8472 Datasheet
392Kb / 23P
   PS/2 3D 3Key Mouse Controller
TP8482 ETC-TP8482 Datasheet
425Kb / 26P
   PS/2 3D 5KEY MOUSE CONTROLLER
logo
Holtek Semiconductor In...
HT82M39A HOLTEK-HT82M39A_05 Datasheet
112Kb / 8P
   3-Key 3D PS/2 Mouse Controller
HT82M98A HOLTEK-HT82M98A_06 Datasheet
99Kb / 7P
   3-Key 3D USBPS/2 Mouse Controller
logo
List of Unclassifed Man...
EC3597 ETC2-EC3597 Datasheet
138Kb / 11P
   3D PS/2 MOUSE CONTROLLER WITH AUTO-REF
logo
Holtek Semiconductor In...
HT82M30A HOLTEK-HT82M30A Datasheet
177Kb / 13P
   3/5-Key 3D PS/2 Optical Mouse Controller
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com