Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

39523-3007 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 39523-3007
Description  5.00mm Pitch Eurostyle Vertical Plug
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

39523-3007 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  39523-3007 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
39523-3007
Status:
Active
Overview:
Eurostyle™ Terminal Blocks
Description:
5.00mm Pitch Eurostyle™ Vertical Plug, Rear Wire Entry, 7 Circuits
Documents:
3D Model
Product Specification PS-39500-001 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Terminal Blocks
Series
39523
Application
N/A
Comments
Rear Wire Entry
Component Type
Plug
Overview
Eurostyle™ Terminal Blocks
Product Name
ESE, Eurostyle™Pluggable
Type
Euro Block
UPC
822350468916
Physical
Circuits (Loaded)
7
Entry Angle
Horizontal
Lock to Mating Part
Yes
Number of Rows
1
Orientation
Vertical
Panel Mount
No
Pitch - Mating Interface
5.00mm
Pitch - Termination Interface
5.00mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
12, 14, 16, 18, 20, 22, 24, 26
Wire Size mm²
0.13 - 3.31
Electrical
Current - Maximum per Contact
18A
Voltage - Maximum
300V
Material Info
Reference - Drawing Numbers
Product Specification
PS-39500-001
Sales Drawing
SD-39523-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
39523Series
Mates With
39521 Vertical PCB Header, 39522
Horizontal PCB Header, Most 5.00mm Pitch
Industry Standard PCB Headers, 39528
Dual Level PCB Header, Open Ends
This document was generated on 10/13/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 39523-3007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39523-3002 MOLEX11-39523-3002 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3003 MOLEX11-39523-3003 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3004 MOLEX11-39523-3004 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3005 MOLEX11-39523-3005 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3006 MOLEX11-39523-3006 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
More results

Similar Description - 39523-3007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
39523-2005 MOLEX11-39523-2005 Datasheet
38Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3024 MOLEX11-39523-3024 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39525-4003 MOLEX11-39525-4003 Datasheet
42Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39525-4004 MOLEX11-39525-4004 Datasheet
42Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3016 MOLEX11-39527-3016 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3008 MOLEX11-39523-3008 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3016 MOLEX11-39523-3016 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39523-3018 MOLEX11-39523-3018 Datasheet
41Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3002 MOLEX11-39527-3002 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3004 MOLEX11-39527-3004 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
39527-3006 MOLEX11-39527-3006 Datasheet
44Kb / 1P
   5.00mm Pitch Eurostyle Vertical Plug
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com